Electronic Components Datasheet Search
  English  ▼

X  

HGC Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # HGC
Description  Thick Film Precision High Resistance Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HGC Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  HGC Datasheet HTML 1Page - Stackpole Electronics, Inc. HGC Datasheet HTML 2Page - Stackpole Electronics, Inc. HGC Datasheet HTML 3Page - Stackpole Electronics, Inc. HGC Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev Date: 11/18/2020
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HGC Series
Thick Film Precision High Resistance Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Recommended Solder Profile
This information is intended as a reference for solder profiles for Stackpole resistive components. These profiles should
be compatible with most soldering processes. These are only recommendations. Actual numbers will depend on board
density, geometry, packages used, etc., especially those cells labeled wi
th “*”.
100% Matte Tin / RoHS Compliant Terminations
Soldering iron recommended temperatures: 330°C to 350°C with minimum duration.
Maximum number of reflow cycles: 3.
Mechanical Specifications (cont.)
H
Body Height (Max.)
0.200 ± 0.010
0.100 ± 0.005
0.030
0.018 ± 0.010
0.020 ± 0.010
inches
5.08 ± 0.25
2.54 ± 0.13
0.76
0.46 ± 0.25
0.51 ± 0.25
mm
0.250 ± 0.010
0.125 ± 0.005
0.030
0.020 ± 0.010
0.024 ± 0.010
inches
6.35 ± 0.25
3.18 ± 0.13
0.76
0.51 ± 0.25
0.61 ± 0.25
mm
0.350 ± 0.010
0.125 ± 0.005
0.030
0.020 ± 0.010
0.024 ± 0.010
inches
8.89 ± 0.25
3.18 ± 0.13
0.76
0.51 ± 0.25
0.61 ± 0.25
mm
b
Unit
Body Length
Body Width
Top Termination
Bottom Termination
2512
3512
2010
Type / Code
L
W
a
Performance Characteristics
Test
Typical Delta R
Short Time Overload
0.1%
Load Life
0.1%
Temperature Cycle
0.1%
Moisture Resistance
0.1%
Shock
0.05%
Vibration
0.05%
Dielectric Withstanding Voltage
0.05%
Resistance to Soldering Heat
0.05%
Operating temperature range is -55ºC to +150ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com