Electronic Components Datasheet Search
  English  ▼

X  

HGC Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # HGC
Description  Thick Film Precision High Resistance Chip Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HGC Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  HGC Datasheet HTML 1Page - Stackpole Electronics, Inc. HGC Datasheet HTML 2Page - Stackpole Electronics, Inc. HGC Datasheet HTML 3Page - Stackpole Electronics, Inc. HGC Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 11/18/2020
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HGC Series
Thick Film Precision High Resistance Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
H
G
C
B
1
2
0
6
F
K
C
2
M
0
0
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined i
n the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
Product Series
Code
Description
HGC
Size
W
Code
Tol
Code
Description
Size
Quantity
Code ppm
0402
0.04
B
0.1%
7" Reel - Paper Tape
0402, 0603, 0805
5000
E
25
0603
0.06
C
0.25%
1206, 2010
4000
C
50
0805
0.2
D
0.5%
2512
2000
D
100
1206
0.33
F
1%
7" Reel - Paper Tape
0603, 0805, 1206
L
200
2010
1
G
2%
7" Reel - Plastic Tape
2010, 2512, 3512
2512
2
J
5%
7" Reel - Paper Tape
0603, 0805, 1206
3512
3
K
10%
7" Reel - Plastic Tape
2010, 2512, 3512
M
20%
B
Bulk
All Sizes
1000
1 Mohm = 1M00
Four characters with the
multiplier used as the
decimal holder.
10 Kohm = 10K0
TCR
10 Gohm = 10G0
B
Solderable
wraparound
(100% matte tin)
Packaging
D
Tolerance
Resistance Value
Power Rating
7" Reel - Plastic Tape
T
K
1000
500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com