Electronic Components Datasheet Search
  English  ▼

X  

LPC Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # LPC
Description  SMD Unshielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPC Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  LPC Datasheet HTML 1Page - Stackpole Electronics, Inc. LPC Datasheet HTML 2Page - Stackpole Electronics, Inc. LPC Datasheet HTML 3Page - Stackpole Electronics, Inc. LPC Datasheet HTML 4Page - Stackpole Electronics, Inc. LPC Datasheet HTML 5Page - Stackpole Electronics, Inc. LPC Datasheet HTML 6Page - Stackpole Electronics, Inc. LPC Datasheet HTML 7Page - Stackpole Electronics, Inc. LPC Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev Date: 08/30/2019
5
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPC Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LPC3128(HP), 3935(LP)(HP) (cont.)
Packaging Specifications
3128(HP) 3935(LP)
3935
3935(HP) 3128(HP) 3935(LP)
3935
3935(HP)
LPC_ _T331
330
10%, 20%
1KHz, 0.25V
1.26
1.1
1.15
1.15
0.4
0.42
0.52
0.8
LPC_ _T391
390
10%, 20%
1KHz, 0.25V
1.77
1.245
1.3
1.3
0.36
0.38
0.48
0.75
LPC_ _T471
470
10%, 20%
1KHz, 0.25V
1.96
1.526
1.48
1.48
0.34
0.35
0.42
0.65
LPC_ _T561
560
10%, 20%
1KHz, 0.25V
2.28
1.904
1.9
1.9
0.32
0.32
0.33
0.6
LPC_ _T681
680
10%, 20%
1KHz, 0.25V
2.48
-
2.25
2.25
0.3
-
0.28
0.5
LPC_ _T821
820
10%, 20%
1KHz, 0.25V
3.4
-
2.55
2.55
0.3
-
0.24
0.48
LPC_ _T102
1000
10%, 20%
1KHz, 0.25V
4.2
-
3.49
3
0.3
-
0.2
0.46
LPC_ _T821
1200
10%, 20%
1KHz, 0.25V
5
-
-
-
0.17
-
-
-
LPC_ _T102
1500
10%, 20%
1KHz, 0.25V
5.52
-
-
-
0.16
-
-
-
I DC (A) max.
Type/Code
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
Type/Code
P
Unit
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.315
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
8.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.315
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
8.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.315
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
8.00
mm
Type/Code
Unit
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
W
0.472
12.00
0.472
A
D
P0
0.472
12.00
LPC1412
LPC1412…-HP
LPC1816
12.00
LPC1412
LPC1816
LPC1412…-HP
L
G
J
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com