Electronic Components Datasheet Search
  English  ▼

X  

LPC Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # LPC
Description  SMD Unshielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPC Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  LPC Datasheet HTML 1Page - Stackpole Electronics, Inc. LPC Datasheet HTML 2Page - Stackpole Electronics, Inc. LPC Datasheet HTML 3Page - Stackpole Electronics, Inc. LPC Datasheet HTML 4Page - Stackpole Electronics, Inc. LPC Datasheet HTML 5Page - Stackpole Electronics, Inc. LPC Datasheet HTML 6Page - Stackpole Electronics, Inc. LPC Datasheet HTML 7Page - Stackpole Electronics, Inc. LPC Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev Date: 08/30/2019
6
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPC Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Environmental Specifications
Environmental Tests
Packaging Specifications (cont.)
Type/Code
P
Unit
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.315
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
8.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.315
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
8.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.315
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
8.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.472
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
12.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.472
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
12.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.630
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
16.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.630
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
16.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.630
Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
16.00
mm
Type/Code
Unit
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020
12.992 ± 7.008
Inches
13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
LPC3128
LPC3128…-HP
LPC3935…-LP
LPC3935
LPC3935…-HP
LPC2320…-LP
LPC2320
LPC2320…-HP
F
G
J
L
LPC3935
0.945
24.00
LPC3935…-HP
0.945
24.00
LPC3128…-HP
0.630
16.00
LPC3935…-LP
0.945
24.00
LPC2320…-HP
0.472
12.00
LPC3128
0.630
16.00
LPC2320…-LP
0.472
12.00
LPC2320
0.472
12.00
A
D
P0
W
Item
Specification
Temperature range: 25 ± 3 °C. Humidity: < 80% relative humidity.
Recommended product should be used within six months from the time of delivery.
Shelf Storage Conditions
Test
Test Specification
Test Condition
Temperature 85 ± 2 °C
Time: 96 ± 2 hours
Tested after 1 hour at room temperature
Temperature -25 ± 2 °C
Time: 48 ± 2 hours
Tested after 1 hour at room temperature
Temperature 40 ± 2 °C, 90 ~ 95% relative humidity
Time: 96 ± 2 hours
Tested after 1 hour at room temperature
Tested after 1 hour at room temperature
First -25 °C 30 minutes, then 25 °C 10 minutes, last 85 °C 30 minutes,
as 1 cycle. Go through 5 cycles.
High Temperature Storage Test
No case deformation or change in
appearance.
Δ L/L ≤10%
Low Temperature Storage Test
Humidity Test
Thermal Shock Test



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com