Electronic Components Datasheet Search
  English  ▼

X  

LPC Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # LPC
Description  SMD Unshielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPC Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

  LPC Datasheet HTML 1Page - Stackpole Electronics, Inc. LPC Datasheet HTML 2Page - Stackpole Electronics, Inc. LPC Datasheet HTML 3Page - Stackpole Electronics, Inc. LPC Datasheet HTML 4Page - Stackpole Electronics, Inc. LPC Datasheet HTML 5Page - Stackpole Electronics, Inc. LPC Datasheet HTML 6Page - Stackpole Electronics, Inc. LPC Datasheet HTML 7Page - Stackpole Electronics, Inc. LPC Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev Date: 08/30/2019
8
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPC Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
L
P
C
3
1
2
8
M
T
1
0
0
-
H
P
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
Legacy Part Number:
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
P
C
D
1
0
0
4
M
T
1
0
1
EIA
PCD
3.5x3.0x1.4
Code
Code
Code
Inductance
3.5x3.0x2.4
K
T
1R1
1.1
4.5x4.0x3.5
M
470
47
5.8x5.2x2.8
101
100
5.8x5.2x3.5
5.8x5.2x4.85
7.8x7.0x4.0
7.8x7.0x5.5
10x9.0x4.5
10x9.0x5.8
10x9.0x7.5
0705
1004
1005
1006
0403
±20%
0502
0503
0504
0703
SMD Power Inductor
0301
Tol
Description
0302
±10%
Tape and Reel
Product Series
Code
Tolerance
Packaging
Inductance (μH)
Code
Dimensions
Code
Quantity
Code Description
Code
Description
3.5 x 3 x 1.15
K
3000
1R1
1.1
(blank)
Standard
3.5 x 3 x 2.1
M
470
47
-LP
Low Profile
4.5 x 4 x 3.2
101
100
-HP
High Profile
5.8 x 5.2 x 2.5
5.8 x 5.2 x 3
5.8 x 5.2 x 4.5
7.8 x 7 x 3.5
7.8 x 7 x 5
10 x 9 x 4
10 x 9 x 5.4
10 x 9 x 7.5
`
3935
3935(HP)
Description
Code
Size
3128
3128(HP)
3935(LP)
±10%
2320
±20%
1816
1412(HP)
Special
SMD
Power Inductor
1412
Tol
Product Series
Tolerance
LPC
Description
Inductance (μH)
Packaging
Code
Sizes
1412
T
Tape and Reel
2320(LP)
1816
2000
1000
500
1412(HP)
2320(LP)
2320
2320(HP)
3128
3128(HP)
3935(LP)
1500
3935
3935(HP)
2320(HP)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com