| Electronic Components Datasheet Search |
|
FBO5YTYN310 Datasheet(PDF) 14 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
FBO5YTYN310 Datasheet(HTML) 14 Page - Stackpole Electronics, Inc. |
|
14 / 17 page ![]() Rev Date: 04/28/2020 14 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. FB Series Multilayer Ferrite Chip Bead Inductor Stackpole Electronics, Inc. Resistive Product Solutions Packaging Specifications Paper Tape Specifications Type/Code E Unit 7.008 ± 0.079 2.362 ± 0.039 0.394 ± 0.039 0.079 ± 0.020 0.827 ± 0.031 0.512 ± 0.020 0.039 0.079 ± 0.020 Inches 178.00 ± 2.00 60.00 ± 1.00 10.00 ± 1.00 2.00 ± 0.50 21.00 ± 0.80 13.00 ± 0.50 1.00 2.00 ± 0.50 mm 7.008 ± 0.079 2.362 ± 0.039 0.394 ± 0.039 0.079 ± 0.020 0.827 ± 0.031 0.512 ± 0.020 0.039 0.079 ± 0.020 Inches 178.00 ± 2.00 60.00 ± 1.00 10.00 ± 1.00 2.00 ± 0.50 21.00 ± 0.80 13.00 ± 0.50 1.00 2.00 ± 0.50 mm 7.008 ± 0.079 2.362 ± 0.039 0.394 ± 0.039 0.079 ± 0.020 0.827 ± 0.031 0.512 ± 0.020 0.039 0.079 ± 0.020 Inches 178.00 ± 2.00 60.00 ± 1.00 10.00 ± 1.00 2.00 ± 0.50 21.00 ± 0.80 13.00 ± 0.50 1.00 2.00 ± 0.50 mm 7.008 ± 0.079 2.362 ± 0.039 0.394 ± 0.039 0.079 ± 0.020 0.827 ± 0.031 0.512 ± 0.020 0.039 0.079 ± 0.020 Inches 178.00 ± 2.00 60.00 ± 1.00 10.00 ± 1.00 2.00 ± 0.50 21.00 ± 0.80 13.00 ± 0.50 1.00 2.00 ± 0.50 mm 7.008 ± 0.079 2.362 ± 0.039 0.394 ± 0.039 0.079 ± 0.020 0.827 ± 0.031 0.512 ± 0.020 0.039 0.079 ± 0.020 Inches 178.00 ± 2.00 60.00 ± 1.00 10.00 ± 1.00 2.00 ± 0.50 21.00 ± 0.80 13.00 ± 0.50 1.00 2.00 ± 0.50 mm 7.008 ± 0.079 2.362 ± 0.039 0.551 ± 0.039 0.079 ± 0.020 0.827 ± 0.031 0.512 ± 0.020 0.039 0.079 ± 0.020 Inches 178.00 ± 2.00 60.00 ± 1.00 14.00 ± 1.00 2.00 ± 0.50 21.00 ± 0.80 13.00 ± 0.50 1.00 2.00 ± 0.50 mm 7.008 ± 0.079 2.362 ± 0.039 0.551 ± 0.039 0.079 ± 0.020 0.827 ± 0.031 0.512 ± 0.020 0.039 0.079 ± 0.020 Inches 178.00 ± 2.00 60.00 ± 1.00 14.00 ± 1.00 2.00 ± 0.50 21.00 ± 0.80 13.00 ± 0.50 1.00 2.00 ± 0.50 mm FB10 FB08 F FB12 FB02 FB03 FB05 FB04 A B C D D1 D2 Type/Code Unit 0.026 ± 0.004 0.045 ± 0.004 0.069 ± 0.004 0.157 ± 0.004 0.138 ± 0.002 Inches 0.65 ± 0.10 1.15 ± 0.10 1.75 ± 0.10 4.00 ± 0.10 3.50 ± 0.05 mm 0.043 ± 0.004 0.073 ± 0.004 0.069 ± 0.004 0.157 ± 0.004 0.138 ± 0.002 Inches 1.10 ± 0.10 1.85 ± 0.10 1.75 ± 0.10 4.00 ± 0.10 3.50 ± 0.05 mm 0.062 ± 0.004 0.095 ± 0.004 0.069 ± 0.004 0.157 ± 0.004 0.138 ± 0.002 Inches 1.58 ± 0.10 2.42 ± 0.10 1.75 ± 0.10 4.00 ± 0.10 3.50 ± 0.05 mm Type/Code Unit 0.079 ± 0.002 0.079 ± 0.004 0.315 ± 0.008 0.028 ± 0.002 Inches 2.00 ± 0.05 2.00 ± 0.10 8.00 ± 0.20 0.70 ± 0.05 mm 0.079 ± 0.002 0.157 ± 0.004 0.315 ± 0.008 0.037 ± 0.002 Inches 2.00 ± 0.05 4.00 ± 0.10 8.00 ± 0.20 0.95 ± 0.05 mm 0.079 ± 0.002 0.157 ± 0.004 0.315 ± 0.008 0.037 ± 0.002 Inches 2.00 ± 0.05 4.00 ± 0.10 8.00 ± 0.20 0.95 ± 0.05 mm A B C E F FB03 FB05 FB05 FB02 FB03 G P W T FB02 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |