Electronic Components Datasheet Search
  English  ▼

X  

FBO5YTYN310 Datasheet(PDF) 12 Page - Stackpole Electronics, Inc.

Part # FBO5YTYN310
Description  Multilayer Ferrite Chip Bead Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

FBO5YTYN310 Datasheet(HTML) 12 Page - Stackpole Electronics, Inc.

Back Button FBO5YTYN310 Datasheet HTML 8Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 9Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 10Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 11Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 12Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 13Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 14Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 15Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 16Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Rev Date: 04/28/2020
12
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
FB Series
Multilayer Ferrite Chip Bead Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Part
Impedance
Test Frequency
DCR
Rated Current
Number
(Ω)
(MHz)
(Ω) max.
(mA) max.
FB04YTQS301
300
25%
100
0.3
300
FB04YTQS351
350
25%
100
0.3
300
FB04YTQS401
400
25%
100
0.3
300
FB04YTQS601
600
25%
100
0.35
300
FB04YTQS102
1000
25%
100
0.4
200
FB04YTQS122
1200
25%
100
0.4
200
FB04YTQS152
1500
25%
100
0.45
200
Tolerance
Soldering Conditions:
Environmental Specifications - General
Electrical Specifications – High Speed
Item
Specification
Test Method
Impedance
HP4291B
DCR
Agilent 34401A
Refer to specific Electrical Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com