Electronic Components Datasheet Search
  English  ▼

X  

FBO5YTYN310 Datasheet(PDF) 17 Page - Stackpole Electronics, Inc.

Part # FBO5YTYN310
Description  Multilayer Ferrite Chip Bead Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

FBO5YTYN310 Datasheet(HTML) 17 Page - Stackpole Electronics, Inc.

Back Button FBO5YTYN310 Datasheet HTML 9Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 10Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 11Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 12Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 13Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 14Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 15Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 16Page - Stackpole Electronics, Inc. FBO5YTYN310 Datasheet HTML 17Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Rev Date: 04/28/2020
17
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
FB Series
Multilayer Ferrite Chip Bead Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order
1
2
3
4
5
6
7
8
9
10
11
F
B
0
5
Y
T
Y
N
1
0
0
Code
Code
Size
Code
Code
Type
Code
Description
02
0402
Y
General
060
6 ohm
03
0603
High Current
110
11 ohm
05
0805
High Speed
121
120 ohm
04
1204
102
1 Kohm
06
1206
10
1210
08
1808
12
1812
12
1000
10000
05
10
03
04
4000
3000
2500
2000
N
06
Q
H
Product Series
Tolerance
Description
Code
Impedance
Description
Current Type
Size
Material
Code
Quantity
Tol
Packaging
Code
Type
08
02
S
ui : 200
(for General and High
Current Types)
ui : 75
(for High Speed Type
Only)
Y
FB
T
Ferrite Bead
25%
Paper Tape
Plastic
Embossed
Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com