Electronic Components Datasheet Search
  English  ▼

X  

L9908 Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 54Page - STMicroelectronics L9908 Datasheet HTML 55Page - STMicroelectronics L9908 Datasheet HTML 56Page - STMicroelectronics L9908 Datasheet HTML 57Page - STMicroelectronics L9908 Datasheet HTML 58Page - STMicroelectronics L9908 Datasheet HTML 59Page - STMicroelectronics L9908 Datasheet HTML 60Page - STMicroelectronics L9908 Datasheet HTML 61Page - STMicroelectronics L9908 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 153 page
background image
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
BT_lim1_sat_drop
BT Charge Limiter1 VRE-CBS_n drop
voltage for ICBS_n = 0 mA
CBS_n = Open
335 490 535
mV [n = 1,2,3]
1. Not subject to production test. This is an equivalent resistance, its value shall be used for bootstrap charge timings
estimation only.
5.11.5
VCP monitor
VCP voltage level is monitored by means of the dedicated UV and OV diagnosis. Hysteresis on thresholds and
filtering time is implemented.
If VCP ≤ VCP_uv_th occurs for an interval longer than T_vcp_uv_flt filtering time, the VCP_UV flag is set. The
error flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
If VCP ≥ VCP_ov_th occurs for an interval longer than T_vcp_ov_flt filtering time, the VCP_OV flag is set. The
error flag remains set until the failure condition is removed and the flag is cleared by the SPI command.
To avoid UV detection during power up VCP monitor comparators are masked for a T_vcp_boot_mask filtering
time, starting from each low to high transition of the internal CP1 enabling command.
Figure 31. VCP UV boot masking
Table 54. VCP Monitor electrical characteristics
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
VCP_uv_th
VCP-VDH under-voltage
threshold
-
4.5
5.1
5.8
V
Comparator output Low to
High
VCP_uv_hys
VCP under-voltage hysteresis
-
200 300 400
mV -
T_vcp_uv_flt
VCP under-voltage detection
filter time
CLK_SSM_EN = 0
10
-
15
μs
Digital filter guaranteed
through scan pattern
VCP_ov_th
VCP-VDH over-voltage
threshold
-
15.8 17.6 19.5
V
Comparator output Low to
High
VCP_ov_hys
VCP over-voltage hysteresis
-
50
325 500
mV -
T_vcp_ov_flt
VCP over-voltage detection
filter time
CLK_SSM_EN = 0
10
-
15
μs
Digital filter guaranteed
through scan pattern
T_vcp_boot_mask VCP boot masking time
-
1.7
2
2.3
ms -
L9908
Gate driver supply
DS13546 - Rev 3
page 58/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com