Electronic Components Datasheet Search
  English  ▼

X  

L9908 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 40Page - STMicroelectronics L9908 Datasheet HTML 41Page - STMicroelectronics L9908 Datasheet HTML 42Page - STMicroelectronics L9908 Datasheet HTML 43Page - STMicroelectronics L9908 Datasheet HTML 44Page - STMicroelectronics L9908 Datasheet HTML 45Page - STMicroelectronics L9908 Datasheet HTML 46Page - STMicroelectronics L9908 Datasheet HTML 47Page - STMicroelectronics L9908 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 153 page
background image
Pins
Default State
Description
INHn, INLn [1,2,3]
Type A – Internal Current Pull-down
Control Loop Pins (Gate Driver control related pins)
Table 32. Digital input electrical characteristics (Control Loop Pins)
Symbol
Parameter
Test Condition
Min Typ
Max
Unit
Notes
DI_in_hl_th
High input voltage range
-
2.0
-
VIO+0.3
V
-
DI_in_ll_th
Low input voltage range
-
-0.3
-
0.65
V
-
DI_in_hys
Input voltage hysteresis
-
120 300
570
mV
-
SPI_DI_in_ipu Pull up current
Pin = GND
15
40
65
μA
Type C
DI_in_ipd
Pull down current
Pin = VIO
-65
-40
-15
μA
Type A
DI_in_rpd
Pull down resistance
-
50
135
220
kΩ
Type B
DI_in_cap
Input capacitance
-
-
-
10
pF
Not subject to production test
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
The state of the PWM control pins INHn/INLn is echoed into dedicated SPI readable bits: INHn_ECHO and
INLn_ECHO [n = 1, 2, 3], within the register GEN_STATUS2.
5.8.3
Digital Output (DO)
Digital output pins on L9908 are used to transfer an internal digital information to an external user whose domain
is defined by the VIO voltage.
Depending on the information carried these pins can be divided into three categories:
Table 33. Digital output pins functional partitioning
Pins
Description
SDO
SPI Pin (SPI communication related pin)
CSO3/PVF
CSA phase 3 analog output/Phase voltage comparator output feedback
FS_FLAG
Fault Handling Pin (Fault flag output pin)
The digital output pin interface is developed by an HV push-pull output stage supplied by VIO and a driving stage
supplied by the internal V3V3_DIG reference.
Table 34. Digital output electrical characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
DO_in_hl
High output voltage
Iload = 1 mA
VIO-0.215
-
VIO
V
DO_in_ll
Low output voltage
Iload = -1 mA
0
-
0.2
V
T_do_rt
Output rise time
Cload = 120 pF From 10% to 70%
-
-
35
ns
T_do_ft
Output fall time
Cload = 120 pF From 10% to 70%
-
-
35
ns
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
L9908
Digital I/O
DS13546 - Rev 3
page 44/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com