Electronic Components Datasheet Search
  English  ▼

X  

L9908 Datasheet(PDF) 67 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 63Page - STMicroelectronics L9908 Datasheet HTML 64Page - STMicroelectronics L9908 Datasheet HTML 65Page - STMicroelectronics L9908 Datasheet HTML 66Page - STMicroelectronics L9908 Datasheet HTML 67Page - STMicroelectronics L9908 Datasheet HTML 68Page - STMicroelectronics L9908 Datasheet HTML 69Page - STMicroelectronics L9908 Datasheet HTML 70Page - STMicroelectronics L9908 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 153 page
background image
Figure 39. VGS Monitor operative ranges
5.12.2
Dead Time Protection (DTP)
The prevention of cross-conduction due to HSn/LSn ON-phase overlap is in principle under the responsibility of
the uC driving the PWM pins INHn/INLn. However, a built-in dead time protection is available.
When the main logic processes a falling edge event on INHn/INLn it starts a programmable masking time interval
T_dead_flt during which the rising edges on the opposite signal (INLn/INHn respectively) are ignored.
In general a rising edge on INHn/INLn is processed only during the condition INHn=INLn= 0 and if such a
condition hold for at least a T_dead_flt.
Figure 40. Dead Time Protection functional operation
The T_dead_flt configuration can be set by the dedicated SPI signal DTP_CFG within the register GEN_CFG1 as
follows:
Table 61. Dead Time Protection configuration bits
DTP_CFG2
DTP_CFG1
DTP_CFG0
Description
0
0
0
0us – DTP Disabled
0
0
1
0.25 μs
L9908
Half bridges gate drivers
DS13546 - Rev 3
page 67/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com