Electronic Components Datasheet Search
  English  ▼

X  

L9960TR Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9960TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960TR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9960TR Datasheet HTML 61Page - STMicroelectronics L9960TR Datasheet HTML 62Page - STMicroelectronics L9960TR Datasheet HTML 63Page - STMicroelectronics L9960TR Datasheet HTML 64Page - STMicroelectronics L9960TR Datasheet HTML 65Page - STMicroelectronics L9960TR Datasheet HTML 66Page - STMicroelectronics L9960TR Datasheet HTML 67Page - STMicroelectronics L9960TR Datasheet HTML 68Page - STMicroelectronics L9960TR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 95 page
background image
DS11115 Rev 10
65/95
L9960, L9960T
Functional description
94
4.8.4
Diagnostic of "Over-current" in on-state
The diagnostics of over-current on high-side and low-side transistors are based on 2 bits for
each transistor.
Note:
(-) available in the R10,R9,R7,R6,R4,R3,R1,R0 bit position in SPI answer frame 1.
First bit is overcurrent and second bit is load short detection.
OCxx[1] bit is over current detection: “0” means over current detection
OCxx[0] bit is Ion current threshold detection: “1” means above
Ion_th threshold + Ioc on diagonal MOS (this bit allows a reliable detection of load in
short circuit).
Note:
OCxx[1:0] = 2’b01 is not a possible condition.
Figure 27. Example of correct Overcurrent detection
Table 77. Diagnostic of "Over-current" in on-state
2 Bits status by MOS
OCH0[1:0] / OCH1 [1:0] / OCL0[1:0] / OCL1[1:0]
Priority
Condition
Bits Status 1 Bits Status 0
NOC
ION_TH
1
0
Diag not done or no over current detection
3 (lowest)
Default value
0
0
Diag done, over current detection
1 (highest)
-
1
1
Diag done,load short detect on diagonal MOS
2
-
Ion_th
ILoad
Ioc
Tdiag2
Tdiag1
User case for validity bit assertion
GAPGPS02359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com