Electronic Components Datasheet Search
  English  ▼

X  

L9960TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9960TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9960TR Datasheet HTML 28Page - STMicroelectronics L9960TR Datasheet HTML 29Page - STMicroelectronics L9960TR Datasheet HTML 30Page - STMicroelectronics L9960TR Datasheet HTML 31Page - STMicroelectronics L9960TR Datasheet HTML 32Page - STMicroelectronics L9960TR Datasheet HTML 33Page - STMicroelectronics L9960TR Datasheet HTML 34Page - STMicroelectronics L9960TR Datasheet HTML 35Page - STMicroelectronics L9960TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
Functional description
L9960, L9960T
32/95
DS11115 Rev 10
Figure 13. HWSC state diagram
4.4.2
HWSC/LBIST electrical characteristics
Tj = -40 °C to 150 °C, VDD5 = 4.5 V to 5.5 V, Vps = 4 V to 28 V unless otherwise specified.
All voltages refer to GND. Currents are positive into and negative out of the specified pin.
1
HWSC_done = „0"
HWSC_pass = „0"
2
HWSC_done = „0"
HWSC_pass = „X"
3
HWSC_done = „1"
HWSC_pass = „0"
4
HWSC_done = „1"
HWSC_pass = „1"
state before HWSC executed
HWSC ongoing
(N)_HWSC_RQ = („0") / „1"
HWSC failed
HWSC passed
- (N)_HWSC_RQ = („0") / „1"
(SW_REQUEST)
(N)_HWSC_RQ = („0") / „1"
HWSC done
POR
GAPGPS02319
(SW_REQUEST)
Table 32. HWSC/LBIST electrical characteristics
Pos.
Symbol
Parameter
Condition
Min. Max. Unit
6.1
VDD5_ov_hw
VDD5 over-voltage disable
threshold in HWSC mode
-3.7
4.2
V
6.2
Thwsc_ch_ov
Analog settling time for changing
in HWSC mode and back
Settling time for changing the
VDD5 overvoltage disable
threshold
includes analog filter time tA_FIL,
(guaranteed by design)
010
µs
6.3
Thwsc_dur
HWSC duration time
(guaranteed through scan)
100
160
µs
6.4
Thwsc_fil
HWSC filter time
(guaranteed through scan)
40
70
µs
6.5
Thwsc_ref
HWSC reference time
(guaranteed through scan)
80
130
µs
6.6
-
LBIST coverage for the disable
path
(design info)
95
-
%
6.7
LBIST_dur
LBIST duration at start-up
(guaranteed through scan)
-4.34
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com