Electronic Components Datasheet Search
  English  ▼

X  

L9960TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9960TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9960TR Datasheet HTML 14Page - STMicroelectronics L9960TR Datasheet HTML 15Page - STMicroelectronics L9960TR Datasheet HTML 16Page - STMicroelectronics L9960TR Datasheet HTML 17Page - STMicroelectronics L9960TR Datasheet HTML 18Page - STMicroelectronics L9960TR Datasheet HTML 19Page - STMicroelectronics L9960TR Datasheet HTML 20Page - STMicroelectronics L9960TR Datasheet HTML 21Page - STMicroelectronics L9960TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 95 page
background image
Functional description
L9960, L9960T
18/95
DS11115 Rev 10
4
Functional description
4.1
Device supply
The L9960 is supplied through 3 pins connected to 3 different external voltage supply
sources:
VPS, battery voltage to supply the bridge,
VDD5, 5 V regulated voltage to supply chip digital I/O's,
VDDIO, the supplying SDO output buffer voltage.
4.1.1
Functional State
Following functional states are defined for L9960:
Normal Mode
–
supply voltages are present and no failure. H-bridge is driven by the selected
driving control mode (PWM/DIR, IN1/IN2) and it is configurable via SPI (i.e slew
rate, current limitation and overcurrent thresholds, OT warning thresholds).
Tri-state
–
H-bridge gate drivers are disabled due to a fault independently from PWM signal
(IN1 or IN2). Once the fault condition is disappeared, L9960 restarts working
without dedicated fault recovery procedure.
Disabled
–
H-bridge is disabled due to a fault condition and it is necessary to execute the
dedicated procedure to initialize the device (please review the below table for the
dedicated procedure for each fault). In case the fault is related to an overvoltage
or undervoltage on VDD5, the H-bridge is set to tri-state with NDIS low.
Note:
Please review the dedicated Section 4.8.1: Diagnostic Reset strategy in application note.
4.1.2
Vps power supply
VPS pin is the power supply of the H-bridge. A filter could be implemented, mainly to fulfill
the EMC requirements, and an over-voltage protection diode can also be added (optional).
Figure 6. External power supply circuitry
Controlled by MCU
Battery
Voltage
OPTIONAL
OPTIONAL
GAPGPS02312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com