Electronic Components Datasheet Search
  English  ▼

X  

REF7030 Datasheet(PDF) 33 Page - Texas Instruments

Part # REF7030
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF7030 Datasheet(HTML) 33 Page - Texas Instruments

Back Button REF7030 Datasheet HTML 29Page - Texas Instruments REF7030 Datasheet HTML 30Page - Texas Instruments REF7030 Datasheet HTML 31Page - Texas Instruments REF7030 Datasheet HTML 32Page - Texas Instruments REF7030 Datasheet HTML 33Page - Texas Instruments REF7030 Datasheet HTML 34Page - Texas Instruments REF7030 Datasheet HTML 35Page - Texas Instruments REF7030 Datasheet HTML 36Page - Texas Instruments REF7030 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Oct-2022
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PREF7012QDGKR
ACTIVE
VSSOP
DGK
8
3000
TBD
Call TI
Call TI
-40 to 125
Samples
REF7012QFKHT
ACTIVE
LCCC
FKH
8
250
RoHS-Exempt
& Green
Call TI
N / A for Pkg Type
-40 to 125
REF12FKH
Samples
REF7025QFKHT
ACTIVE
LCCC
FKH
8
250
RoHS-Exempt
& Green
Call TI
N / A for Pkg Type
-40 to 125
REF25FKH
Samples
REF7030QFKHT
ACTIVE
LCCC
FKH
8
250
RoHS-Exempt
& Green
Call TI
N / A for Pkg Type
-40 to 125
REF30FKH
Samples
REF7033QFKHT
ACTIVE
LCCC
FKH
8
250
RoHS-Exempt
& Green
Call TI
N / A for Pkg Type
-40 to 125
REF33FKH
Samples
REF7040QFKHT
ACTIVE
LCCC
FKH
8
250
RoHS-Exempt
& Green
Call TI
N / A for Pkg Type
-40 to 125
REF40FKH
Samples
REF7050QFKHT
ACTIVE
LCCC
FKH
8
250
RoHS-Exempt
& Green
Call TI
N / A for Pkg Type
-40 to 125
REF50FKH
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com