Electronic Components Datasheet Search
  English  ▼

X  

REF7030 Datasheet(PDF) 28 Page - Texas Instruments

Part # REF7030
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF7030 Datasheet(HTML) 28 Page - Texas Instruments

Back Button REF7030 Datasheet HTML 24Page - Texas Instruments REF7030 Datasheet HTML 25Page - Texas Instruments REF7030 Datasheet HTML 26Page - Texas Instruments REF7030 Datasheet HTML 27Page - Texas Instruments REF7030 Datasheet HTML 28Page - Texas Instruments REF7030 Datasheet HTML 29Page - Texas Instruments REF7030 Datasheet HTML 30Page - Texas Instruments REF7030 Datasheet HTML 31Page - Texas Instruments REF7030 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
10.2.2 Typical Application: DAC Force and Sense Reference Drive Circuit
Certain DACs require external voltage references to operate properly. There are DACs that only require a
positive voltage for operating in which the basic connection will work. For other DACs there can be a need a
positive and negative reference voltage due to their bipolar output.
The circuit shown in Figure 10-3 shows a DAC force and sense reference drive circuit for the DACx1001 using
the REF70. This circuit takes advantage of the DACx1001 RCM circuit to remove the need of additional external
resistors to make a negative reference due to the integrated precision resistors. This circuit requires additional
buffers due to undesired series resistance on the reference input of the DAC.
REF7050
Copyright © 2020, Texas Instruments Incorporated
GND
OUTS
OUTF
VIN EN
VIN
CL
CIN
C1
REFPF
REFPS
ROFS
RCM
RFB
C2
REFNS
REFNF
DACx1001
VREFN
VREFP
Figure 10-3. Basic Force and Sense Reference Drive Circuit Connections with DACx1001
10.2.2.1 Design Requirements
For this design example, use the reference op amp recommendation listed in Table 10-2 for the buffer circuit.
Table 10-2. Reference Op Amp Options
SELECTION PARAMETERS
OP AMPS
Low voltage and current noise
OPA211, OPA827, OPA828
Low offset and drift
OPA189
The REF70 turn-on time is dependent on the output capacitor. In certain applications that require a fast turn-on
can require a smaller output capacitor as shown in Figure 10-4
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com