Electronic Components Datasheet Search
  English  ▼

X  

REF7030 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF7030
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF7030 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF7030 Datasheet HTML 2Page - Texas Instruments REF7030 Datasheet HTML 3Page - Texas Instruments REF7030 Datasheet HTML 4Page - Texas Instruments REF7030 Datasheet HTML 5Page - Texas Instruments REF7030 Datasheet HTML 6Page - Texas Instruments REF7030 Datasheet HTML 7Page - Texas Instruments REF7030 Datasheet HTML 8Page - Texas Instruments REF7030 Datasheet HTML 9Page - Texas Instruments REF7030 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltage
VIN
-0.3
20
V
Enable voltage
EN
-0.3
VIN + 0.3
V
Output voltage
VOUT
-0.3
6
V
Output short circuit current
ISC
25
mA
Operating temperature range
TA
-55
150
°C
Storage temperature range
Tstg
-65
170
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied. These are stress ratings only and functional operation of the device at these or any other conditions
beyond those specified in the Electrical Characteristics Table is not implied.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
± 1000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
± 500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
VOUT + VDO (1)
18
V
EN
Enable voltage
0
VIN
V
IL
Output current
–10
10
mA
TA
Operating temperature
–40
25
125
°C
(1)
VDO = Dropout voltage. For VOUT < 2.5 V minimum VIN = 2.75 V
7.4 Thermal Information
THERMAL METRIC(1)
REF70xx
UNIT
FKH (CERAMIC)
DGK (MSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
95.8
201.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
59.0
85.7
°C/W
RθJB
Junction-to-board thermal resistance
58.3
122.9
°C/W
ΨJT
Junction-to-top characterization parameter
48.2
21.2
°C/W
ΨJB
Junction-to-board characterization parameter
58.1
121.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
28.5
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com