Electronic Components Datasheet Search
  English  ▼

X  

S3076DI Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # S3076DI
Description  MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S3076DI Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button S3076DI Datasheet HTML 9Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 10Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 11Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 12Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 13Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 14Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 15Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 16Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
S3076
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
October 23, 2000 / Revision A
Table 10. Recommended Operating Conditions
Table 11. Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
l
a
i
r
t
s
u
d
n
I
(
s
a
i
B
r
e
d
n
U
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A0
4
-5
8
+C
˚
V
n
o
e
g
a
t
l
o
V
C
C
D
N
G
o
t
t
c
e
p
s
e
r
h
t
i
w5
3
1
.
33
.
35
6
4
.
3V
n
i
P
t
u
p
n
I
L
T
T
V
L
y
n
a
n
o
e
g
a
t
l
o
V0
V
C
C
V
n
i
P
t
u
p
n
I
L
C
E
P
V
L
y
n
a
n
o
e
g
a
t
l
o
V0
V
C
C
V
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
1
7
8
15
4
2A
m
r
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-0
5
1
+C
˚
V
n
o
e
g
a
t
l
o
V
C
C
D
N
G
o
t
t
c
e
p
s
e
r
h
t
i
w5
.
0
-5
6
4
.
3V
n
i
P
t
u
p
n
I
L
T
T
V
L
y
n
a
n
o
e
g
a
t
l
o
V5
.
0
-V
C
C
V
n
i
P
t
u
p
n
I
L
C
E
P
V
L
y
n
a
n
o
e
g
a
t
l
o
V0
V
C
C
V
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
O
L
T
T
V
L8
A
m
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
O
L
T
T
V
L8
A
m
1. Outputs open.
Electrostatic Discharge (ESD) Ratings
The S3076 is rated to the following voltages based on the human body model:
1. All pins are rated 1500 Volts except pin # 24(VCC), 37(AVCC), 38(AGND), 41(AGND), 42(AVCC),
and 43(AGND). Pins 24, 37, 38, 41, 42, and 43 are rated at 100 volts.
Adherence to standards for ESD protection should be taken during the handling of the devices to
ensure that the devices are not damaged. The standards to be used are defined in ANSI standard
ANSI/ESD S20.20-1999, "Protection of Electrical and Electronic Parts, Assemblies and Equipment."
Contact your local FAE or sales representative for applicable ESD application notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com