Electronic Components Datasheet Search
  English  ▼

X  

S3076DI Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S3076DI
Description  MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S3076DI Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S3076DI Datasheet HTML 1Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 2Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 3Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 4Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 5Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 6Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 7Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 8Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
S3076
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
October 23, 2000 / Revision A
Figure 3. Input Jitter Tolerance Specification
Figure 4. Jitter Transfer Specification
1. Bellcore Specifications: GR-253- CORE, Issue 2, December 1995.
2. ITU-T Recommendations: G.958.
3. Not specified in GR-253 or G.958.
f0
f1
f2
f3
ft
0.15
1.5
15
Sinusodal
Input Jitter
Amplitude
(UI p-p)
Frequency
SONET JITTER CHARACTERISTICS
Performance
The S3076 PLL complies with the jitter specifications
proposed for SONET/SDH equipment defined by the
Bellcore Specifications: GR-253-CORE, Issue 2, De-
cember 1995 and ITU-T Recommendations: G.958
document, when used as specified.
Input Jitter Tolerance
Input jitter tolerance is defined as the peak to
peak amplitude of sinusoidal jitter applied on the
input signal that causes an equivalent 1 dB opti-
cal/electrical power penalty. SONET input jitter
tolerance requirements are shown in Figure 3.
Jitter Transfer
The jitter transfer function is defined as the ratio of
jitter on the output OC-N/STS-N signal to the jitter
applied on the input OC-N/STS-N signal versus fre-
quency. Jitter transfer requirements are shown in Fig-
ure 4. The measurement condition is that input
sinusoidal jitter up to the mask level in Figure 4 be
applied.
Jitter Generation
The jitter of the serial clock and serial data outputs
shall not exceed the value specified in Table 7. when
a serial data input with no jitter is presented to the
serial data inputs. (See Table 7.)
S
T
S
/
C
O
l
e
v
e
L
0
f
)
z
H
(
1
f
)
z
H
(
2
f
)
z
H
(
3
f
)
z
H
k
(
t
f
)
z
H
k
(
8
40
10
0
60
0
0
60
0
10
0
0
1
4
2 3
2
10
10
30
0
35
20
5
2
30
10
30
0
35
.
65
6
S
T
S
/
C
O
l
e
v
e
L
2
,
1
c
f
)
z
H
k
(
P
)
B
d
(
8
40
0
0
21
.
0
4
2 3
2
10
0
51
.
0
30
3
11
.
0
fc
P
Jitter
Transfer
Frequency
Acceptable
Range
slope = -20 dB/decade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com