Electronic Components Datasheet Search
  English  ▼

X  

S3076DI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S3076DI
Description  MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S3076DI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S3076DI Datasheet HTML 1Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 2Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 3Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 4Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 5Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 6Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 7Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 8Page - List of Unclassifed Manufacturers S3076DI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
S3076
MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
October 23, 2000 / Revision A
S3076 OVERVIEW
The S3076 supports clock recovery for the OC-48,
Fibre Channel (2125 Mbps), OC-24, Gigabit
Ethernet, Fibre Channel (1062.5 Mbps), OC-12 or
OC-3 data rate with FEC capabilty up to 8 bytes per
255-byte block. Differential serial data is input to the
chip at the specified rate, and clock recovery is per-
formed on the incoming data stream. An external os-
cillator is required to minimize the PLL lock time, and
provide a stable output clock source in the absence of
serial input data. Retimed data and clock are output
from the S3076.
Figure 2. S3076 Functional Block Diagram
2
SERCLKOP/N
LOCKDET
SERDATOP/N
REFCLKP/N
TESTCLK
LCKREFN
SERDATIP/N
LOOP
FILTER
VCO
CLOCK
DIVIDER
PHASE DETECTOR
LOCK
DETECTOR
SDN
CAP 1,2
RATESEL[1:0]
REFSEL
TESTEN
RST
BYPASS
2
TESTOUT
REFCMP
Suggested Interface Devices
Sumitomo
OC-48 Optical Receiver
AMCC S3057
OC-48 Transceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com