Electronic Components Datasheet Search
  English  ▼

X  

FDA903S Datasheet(PDF) 6 Page - STMicroelectronics

Part # FDA903S
Description  1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FDA903S Datasheet HTML 2Page - STMicroelectronics FDA903S Datasheet HTML 3Page - STMicroelectronics FDA903S Datasheet HTML 4Page - STMicroelectronics FDA903S Datasheet HTML 5Page - STMicroelectronics FDA903S Datasheet HTML 6Page - STMicroelectronics FDA903S Datasheet HTML 7Page - STMicroelectronics FDA903S Datasheet HTML 8Page - STMicroelectronics FDA903S Datasheet HTML 9Page - STMicroelectronics FDA903S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 3. Application diagram
I2C_SCL
I2S_SCL
I2S_WS
I2C_SDA
C3
4.7uF
C2
10nF
CH1+
C7
4.7uF
C5
100pF
C6
10nF
C1
100pF
CH1-
GND
EN1
EN2
HWMUTE
I2S_SDA1
VCC
VCC
VCC
GND
CD/DIAG2
CD/DIAG1
GND
GND
VCC
Vbatt
GND
GND
C10
100nF
GND
C11
10nF
GND
MCU
OUT1+
22
VCC1+
23
VCC1+
24
GND1+
21
GND1-
20
VCC1-
17
VCC1-
18
OUT1-
19
CD/Diag1
11
D1V8SVR
2
DGSVR
1
I2Cdata
6
I2Cclk
5
HWMute
4
FDA903S
NC
31
CD/Diag2
12
SPK
I2S_dataOUT
C9
470uF
L1
10uH
L2
10uH
L3
4.7uH
C4
1uF
C8
1uF
FDA903S
Block diagram and pins description
DB4682 - Rev 2
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com