Electronic Components Datasheet Search
  English  ▼

X  

FDA903S Datasheet(PDF) 8 Page - STMicroelectronics

Part # FDA903S
Description  1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button FDA903S Datasheet HTML 4Page - STMicroelectronics FDA903S Datasheet HTML 5Page - STMicroelectronics FDA903S Datasheet HTML 6Page - STMicroelectronics FDA903S Datasheet HTML 7Page - STMicroelectronics FDA903S Datasheet HTML 8Page - STMicroelectronics FDA903S Datasheet HTML 9Page - STMicroelectronics FDA903S Datasheet HTML 10Page - STMicroelectronics FDA903S Datasheet HTML 11Page - STMicroelectronics FDA903S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
3
General information
The FDA903S is a fully digital single channel class-D audio amplifier with feedback before LC filter, designed for
compact and low-cost Application, such as Telematics and eCall. The feedback before LC architecture has been
chosen for allowing smaller components for the demodulator filter, saving cost and space occupation.
The I2S interface is used to provide the audio bit stream, with several sampling frequency from 8 kHz up to
96 kHz. The standard format is used for 4 channels applications, while the TDM allows to work up to 16 channels.
The I2C interface is used to communicate and control the state of the power amplifier, perform the diagnostic and
other features.
The FDA903S embeds an internal 24 bits DAC with 100 dB of resolution. Thanks to interpolation and noise
shaping, the digital signal processing allows to reach up a good audio performance in a small device area. The
internal PLL uses the clock frequency of the bit stream to generate the internal clock for the digital part and PWM
for the outputs.
The innovative self-diagnostic algorithm, available also in play, allows the automatic detection of wrong
load connections or variation of the load and provides this information through the I2C bus to an external
microcontroller.
The amplifier signals full in-play diagnostics including real-time load-current monitoring through I2S or I2C
interfaces, enabling ASIL-A certification of safety-related applications like warning-tone generators and acoustic
vehicle alerting systems (AVAS). A digital admittance meter is also provided, ensuring systems containing the
FDA903S can meet the most demanding requirements of automotive OEMs.
The communication to the microcontroller is improved by two dedicated CD/Diag. All the useful information, such
as thermal warnings, input and output offset detection, and some more can be selected by the I2C setting and
addressed to the one of the CD/Diag pins. Furthermore, one of these pins could be used to synchronize other
devices on the platform for better EMC management.
FDA903S
General information
DB4682 - Rev 2
page 8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com