Electronic Components Datasheet Search
  English  ▼

X  

FDA903S Datasheet(PDF) 2 Page - STMicroelectronics

Part # FDA903S
Description  1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903S Datasheet(HTML) 2 Page - STMicroelectronics

  FDA903S Datasheet HTML 1Page - STMicroelectronics FDA903S Datasheet HTML 2Page - STMicroelectronics FDA903S Datasheet HTML 3Page - STMicroelectronics FDA903S Datasheet HTML 4Page - STMicroelectronics FDA903S Datasheet HTML 5Page - STMicroelectronics FDA903S Datasheet HTML 6Page - STMicroelectronics FDA903S Datasheet HTML 7Page - STMicroelectronics FDA903S Datasheet HTML 8Page - STMicroelectronics FDA903S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
The FDA903S supports I2S and TDM digital bit stream up to 16CH with several
sampling frequencies from 8 kHz up to 96 kHz. FDA903S embeds a complete
diagnostic in play, including real-time load-current monitoring and digital admittance
meter, to support the most demanding OEM requirements in terms of speaker control
and system robustness/ reliability.
The FDA903S supports start stop cranking down to 3.3 V and it is available in a very
compact and thin QFN 5x5 package. Thus the FDA903S is suitable for any level of
automotive application especially e-Call and Telematics.
FDA903S
DB4682 - Rev 2
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com