Electronic Components Datasheet Search
  English  ▼

X  

AM9469 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AM9469
Description  LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9469 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AM9469 Datasheet HTML 5Page - Diodes Incorporated AM9469 Datasheet HTML 6Page - Diodes Incorporated AM9469 Datasheet HTML 7Page - Diodes Incorporated AM9469 Datasheet HTML 8Page - Diodes Incorporated AM9469 Datasheet HTML 9Page - Diodes Incorporated AM9469 Datasheet HTML 10Page - Diodes Incorporated AM9469 Datasheet HTML 11Page - Diodes Incorporated AM9469 Datasheet HTML 12Page - Diodes Incorporated AM9469 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AM9469
Document number: DS38810 Rev. 2 - 2
9 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AM9469
Application Notes
H-Bias
– Hall Bias Output
This is a 1.25V nominal voltage source to bias a differential un-buffered Hall element sensor. If a Hall element requires a lower voltage than the
H-Bias output, connect an appropriate value resistor between the H-Bias Pin and the Hall element supply pin.
IN1 and IN2
– Hall Inputs
The rotor position is detected by a Hall sensor, with the output of Hall sensor applied to the IN1 and IN2 Pins. This sensor can be either a 4-pin
―naked‖ Hall device or of the 3-pin buffered switching type. For a 4-pin device the differential Hall output signal is connected to the IN1 and IN2
Pins. For a buffered Hall sensor, the Hall device output is attached to the IN1 Pin, with a pull-up attached if needed. Meanwhile, the IN2 pin has
an external potential divider attached to hold the pin at half VREF. When IN1 is high in relation to IN2, OUT2 is the active drive.
PWM Pin
– External PWM Signal Input for PWM Speed Control Mode
In PWM speed control mode, external PWM signal is applied at this PWM Pin to control the motors speed. The duty ratio of the PWM signal input
to this pin controls the fan motor speed by varying the output PWM drive directly.
CPWM Pin
Internal motor control triangular wave is generated based on the capacitor on this pin. A capacitor of 100pF (CPWM = 100pF), will provide a
triangular wave of 36kHz (typ). The VCONT and RMI signals are compared with this triangular wave to generate the speed control PWM drive and
minimum speed control clamp points. The output PWM drive frequency is the same as the triangular waveform frequency.
FG/RD Pin
FG is the Frequency Generator (tachometer) output and is a buffered signal from the Hall sensor. RD is the fan locked status detector. FG and
RD are open-drain outputs and will require external pull-up resistors. Typically, a pull-up resistor of 10k
Ω is recommended from the FG and RD
Pins to the supply voltage.
RF Pin
The current limiter is activated when the voltage between current detection resistor exceeds 0.25V between GND and RF. The current limiter is
activated at IO = 250mA when RF = 1Ω. The current limit is set with a RF resistor between the RF Pin and GND Pin.
RMI Pin
– Minimum Speed Setting Pin
RMI is the minimum speed setting pin. DC voltage on this pin sets the minimum speed value. If you do not use RMI (minimum speed control),
please connect it to 5VREG.
VCONT Pin
– DC Voltage Speed Control
VCONT is DC voltage inputs speed control pin. The voltage on the VCONT Pin is compared with the triangular oscillation on the CPWM Pin to
generate the output drive PWM signal. For the control method, refer to the timing chart.
REGH/5VREG Pin
Please insert capacitor value 1µF between 5VREG and GND for regulated output voltage stabilization; insert capacitor value 1µF value between
VDD and REGH for stable output voltage.
OUT1 and OUT2 Pins
OUT1 and OUT2 Pins provide H-bridge driver output for fan and motor coil connection.
VDD – Device Supply Voltage
This provides the supply for the device.
GND
– Supply Return
This is the device supply ground return pin for control signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com