Electronic Components Datasheet Search
  English  ▼

X  

AM9469 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AM9469
Description  LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9469 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AM9469 Datasheet HTML 8Page - Diodes Incorporated AM9469 Datasheet HTML 9Page - Diodes Incorporated AM9469 Datasheet HTML 10Page - Diodes Incorporated AM9469 Datasheet HTML 11Page - Diodes Incorporated AM9469 Datasheet HTML 12Page - Diodes Incorporated AM9469 Datasheet HTML 13Page - Diodes Incorporated AM9469 Datasheet HTML 14Page - Diodes Incorporated AM9469 Datasheet HTML 15Page - Diodes Incorporated AM9469 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AM9469
Document number: DS38810 Rev. 2 - 2
15 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AM9469
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-16EP (Type DX)
TSSOP-16EP
(Type DX)
Dim
Min
Max
Typ
A
--
1.08
--
A1
0.05
0.15
--
A2
0.80
0.93
--
b
0.19
0.30
--
c
0.09
0.20
--
D
4.90
5.10
--
D2
--
--
2.70
E
6.40 BSC
E1
4.30
4.50
--
E2
--
--
2.50
e
0.65 BSC
L
0.45
0.75
--
L1
1.00 REF
L2
0.25 BSC
R
0.09
--
--
R1
0.09
--
--
θ
0°
8°
--
θ1
5°
15°
--
θ2
0°
--
--
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSSOP-16EP (Type DX)
Dimensions
Value
(in mm)
C
0.65
X
0.35
X1
2.94
X2
2.45
X3
4.90
Y
1.40
Y1
2.00
Y2
2.72
Y3
6.80
SEATING PLANE
A2
A
D
A1
DETAIL 'A'
GAUGE PLANE
R1
R
L
L1
L2
0
01(18x)
02
SEE DETAIL 'A'
E2
D2
c
PIN 1
e
b
E
E/2
E1
1.350
1.050
C
Y2
X1
Y
X
X2
Y1
Y3
X3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com