Electronic Components Datasheet Search
  English  ▼

X  

AM9469 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AM9469
Description  LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9469 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AM9469 Datasheet HTML 7Page - Diodes Incorporated AM9469 Datasheet HTML 8Page - Diodes Incorporated AM9469 Datasheet HTML 9Page - Diodes Incorporated AM9469 Datasheet HTML 10Page - Diodes Incorporated AM9469 Datasheet HTML 11Page - Diodes Incorporated AM9469 Datasheet HTML 12Page - Diodes Incorporated AM9469 Datasheet HTML 13Page - Diodes Incorporated AM9469 Datasheet HTML 14Page - Diodes Incorporated AM9469 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AM9469
Document number: DS38810 Rev. 2 - 2
11 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AM9469
Typical Operating Characteristics
Average Supply Current
Lock Detect tLCK_DET_ON and Shutdown tOFF Periods
Current Limits
Current Limit (250mV) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com