Electronic Components Datasheet Search
  English  ▼

X  

AP22804 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP22804
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22804 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP22804 Datasheet HTML 1Page - Diodes Incorporated AP22804 Datasheet HTML 2Page - Diodes Incorporated AP22804 Datasheet HTML 3Page - Diodes Incorporated AP22804 Datasheet HTML 4Page - Diodes Incorporated AP22804 Datasheet HTML 5Page - Diodes Incorporated AP22804 Datasheet HTML 6Page - Diodes Incorporated AP22804 Datasheet HTML 7Page - Diodes Incorporated AP22804 Datasheet HTML 8Page - Diodes Incorporated AP22804 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AP22804 / AP22814
Document number: DS39137 Rev. 3 - 2
1 of 19
www.diodes.com
July 2017
© Diodes Incorporated
AP22804 / AP22814
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Description
The AP22804/AP22814 is a single channel current-limited integrated
high-side power switch optimized for Universal Serial Bus (USB) and
other hot-swap applications. The family of devices complies with USB
standards and is available with both polarities of Enable input.
The device has fast short-circuit response time for improved overall
system robustness, and has an integrated output discharge function
to ensure completely controlled discharging of the output voltage
capacitor. They provide a complete protection solution for applications
subject to heavy capacitive loads and the prospect of short circuit,
and offer reverse current blocking, over-current, over-temperature
and short-circuit protection, as well as controlled rise time and
under-voltage lockout functionality. A 6ms deglitch capability on the
open-drain Flag output prevents false over-current reporting and does
not require any external components.
The AP22804/AP22814 is available in a standard Green SOT25,
MSOP-8 and U-DFN2020-6 packages with exposed PAD for improve
thermal performance and is RoHS compliant.
Features
Input Voltage Range: 2.7V to 5.5V
5
0mΩ On-resistance
Built-in Soft-start with 0.6ms Typical Rise Time
Fault Report (FLG) with Blanking Time (6ms Typ)
ESD Protection: 2kV HBM, 200V MM
Active Low (B) or Active High (A) Enable
Protection
Over Current with Auto Recovery
Short Circuit with Auto Recovery
Over Temperature with Auto Recovery
Output Reverse Current / Voltage Protection
Thermally Efficient Low Profile Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
UL Recognized, File Number E322375
IEC60950-1 CB Scheme Certified
Pin Assignments
(Top View)
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
MSOP-8
(Top View)
SOT25
(Top View)
U-DFN2020-6
Applications
Integrated Load Switches in Ultrabook PC’s
Power Up/Down Sequencing in Ultrabook PC’s
Notebook
Netbook
Set-Top Boxes
SSD (Solid State Drives)
Consumer Electronics
Tablet PC
Telecom Systems
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more
information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP22804

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22804 DIODES-AP22804 Datasheet
1,021Kb / 19P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
November 2016 Rev. 1 - 2
AP22804ASN-7 DIODES-AP22804ASN-7 Datasheet
1,021Kb / 19P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
November 2016 Rev. 1 - 2
AP22804AW5-7 DIODES-AP22804AW5-7 Datasheet
1,021Kb / 19P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
November 2016 Rev. 1 - 2
AP22804BM8-13 DIODES-AP22804BM8-13 Datasheet
1,021Kb / 19P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
November 2016 Rev. 1 - 2
AP22804BSN-7 DIODES-AP22804BSN-7 Datasheet
1,021Kb / 19P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
November 2016 Rev. 1 - 2
More results

Similar Description - AP22804

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2027 ADMOS-AMS2027 Datasheet
46Kb / 5P
SINGLE POWER DISTRIBUTION SWITCH
AMS2027 ADMOS-AMS2027_05 Datasheet
50Kb / 5P
SINGLE POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
Single-Channel Power Distribution Switch MM8짰
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
Single Channel Low Voltage Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2110 HTC-TJ2110 Datasheet
981Kb / 14P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
Rev erse
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
Single Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
Single-Channel Power Distribution Switch
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22816 DIODES-AP22816 Datasheet
1Mb / 17P
1.0A/1.5A/2.0A SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
April 2022 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com