Electronic Components Datasheet Search
  English  ▼

X  

AP22804 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP22804
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22804 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP22804 Datasheet HTML 11Page - Diodes Incorporated AP22804 Datasheet HTML 12Page - Diodes Incorporated AP22804 Datasheet HTML 13Page - Diodes Incorporated AP22804 Datasheet HTML 14Page - Diodes Incorporated AP22804 Datasheet HTML 15Page - Diodes Incorporated AP22804 Datasheet HTML 16Page - Diodes Incorporated AP22804 Datasheet HTML 17Page - Diodes Incorporated AP22804 Datasheet HTML 18Page - Diodes Incorporated AP22804 Datasheet HTML 19Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AP22804 / AP22814
Document number: DS39137 Rev. 3 - 2
15 of 19
www.diodes.com
July 2017
© Diodes Incorporated
AP22804 / AP22814
Marking Information
(1)
MSOP-8
AP228X4X
( Top view )
Y W X
Part Number
Logo
Y : Year : 0~9
8
7
6
5
1
2
3
4
0 : 2.5A
1 : 3.0A
X : Internal Code
a~z : 27~52 week; z represents
W : Week : A~Z : 1~26 week;
52 and 53 week
A : Active High
B : Active Low
(2)
SOT25
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
( Top View )
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
(3)
U-DFN2020-6
XX : Identification Code
( Top View )
X : Internal Code
X
Y
X X
W
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package Type
Identification Code
AP22804AW5-7
SOT25
2Y
AP22804BW5-7
SOT25
2Z
AP22814AW5-7
SOT25
7Y
AP22814BW5-7
SOT25
7Z
Part Number
Package Type
Identification Code
AP22804ASN-7
U-DFN2020-6
2Y
AP22804BSN-7
U-DFN2020-6
2Z
AP22814ASN-7
U-DFN2020-6
7Y
AP22814BSN-7
U-DFN2020-6
7Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com