Electronic Components Datasheet Search
  English  ▼

X  

AP22652A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP22652A
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22652A Datasheet(HTML) 4 Page - Diodes Incorporated

  AP22652A Datasheet HTML 1Page - Diodes Incorporated AP22652A Datasheet HTML 2Page - Diodes Incorporated AP22652A Datasheet HTML 3Page - Diodes Incorporated AP22652A Datasheet HTML 4Page - Diodes Incorporated AP22652A Datasheet HTML 5Page - Diodes Incorporated AP22652A Datasheet HTML 6Page - Diodes Incorporated AP22652A Datasheet HTML 7Page - Diodes Incorporated AP22652A Datasheet HTML 8Page - Diodes Incorporated AP22652A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
4 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD
HBM
Human Body Model ESD Protection
2
kV
CDM
Charged Device Model ESD Protection
500
V
IEC System
Level
Surges per IEC61000-4-2. 1999 Applied to Output
Terminals of EVM (Note 6)
15
kV
VIN, VOUT, VFAULT ,
VILIM,
,
EN
V
EN
V
Voltage on IN, OUT, FAULT , ILIM, EN, EN
-0.3 to +6.0
V
—
Continuous FAULT Sink Current
25
mA
—
ILIM Source Current
1
mA
ILOAD
Maximum Continuous Load Current
Internal Limited
A
TJ(MAX)
Maximum Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range (Note 5)
-65 to +150
°C
Notes:
5. UL Recognized Rating from -30°C to +70°C (Diodes Incorporated qualified TSTG from -65°C to +150°C).
6. External capacitors need to be connected to the output, EVM board was tested with external capacitor. This level is a pass test only and not a
limit.
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, can cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability can be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and can be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Dissipation Rating Table
Board
Package
Thermal
Resistance
θJA
Thermal
Resistance
θJC
TA ≤ +25°C
Power Rating
Derating Factor
Above
TA = +25°C
TA = +70°C
Power Rating
TA = +85°C
Power Rating
High-K (Note 7)
W6
120
°C/W
35
°C/W
830mW
8.3mW/
°C
450mW
330mW
High-K (Note 7)
FDZ
95
°C/W
25
°C/W
1050mW
10.05mW/
°C
570mW
420mW
Note:
7. The JEDEC high-K (2s2p) board used to derive this data was a 3inch x 3inch, multilayer board with 1oz internal power and ground planes with
2oz copper traces on top and bottom of the board.
Recommended Operating Conditions (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
3
5.5
V
IOUT
Continuous Output Current (-40°C ≤ TA ≤ +85°C)
0
2.1
A
,
EN
V
EN
V
Enable Voltage
0
5.5
V
VIH
High-Level Input Voltage on EN or EN
1.5
VIN
V
VIL
Low-Level Input Voltage on EN or EN
0
0.4
V
RLIM
Current-Limit Threshold Resistor Range
(1% Initial Tolerance)
10
210
kΩ
IO
Continuous FAULT Sink Current
0
10
mA
—
Input De-Coupling Capacitance, IN to GND
0.1
—
µF
TA
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com