Electronic Components Datasheet Search
  English  ▼

X  

AP22652A Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP22652A
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22652A Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP22652A Datasheet HTML 4Page - Diodes Incorporated AP22652A Datasheet HTML 5Page - Diodes Incorporated AP22652A Datasheet HTML 6Page - Diodes Incorporated AP22652A Datasheet HTML 7Page - Diodes Incorporated AP22652A Datasheet HTML 8Page - Diodes Incorporated AP22652A Datasheet HTML 9Page - Diodes Incorporated AP22652A Datasheet HTML 10Page - Diodes Incorporated AP22652A Datasheet HTML 11Page - Diodes Incorporated AP22652A Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
8 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Typical Performance Characteristics (continued)
1ms/div
Figure 8. Reverse Current Limit Response
Figure 9. Reverse Current Limit vs. Temperature
Figure 10. Input Quiescent Current vs. Temperature
Figure 11. Input Quiescent Current vs. Temperature
Figure 12. Switch On-Resistance vs. Temperature
Figure 13. Under-Voltage Lock Out vs. Temperature
Trigger signal
VOUT-VIN
200mV/div
FLAG
5V/div
IOUT
500mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com