Electronic Components Datasheet Search
  English  ▼

X  

AP22652A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP22652A
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22652A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP22652A Datasheet HTML 3Page - Diodes Incorporated AP22652A Datasheet HTML 4Page - Diodes Incorporated AP22652A Datasheet HTML 5Page - Diodes Incorporated AP22652A Datasheet HTML 6Page - Diodes Incorporated AP22652A Datasheet HTML 7Page - Diodes Incorporated AP22652A Datasheet HTML 8Page - Diodes Incorporated AP22652A Datasheet HTML 9Page - Diodes Incorporated AP22652A Datasheet HTML 10Page - Diodes Incorporated AP22652A Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
7 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Typical Performance Characteristics (continued)
1ms/div
Figure 2. Turn-On Delay and Rise Time
400µs/div
Figure 3. Turn-Off Delay and Fall Time
1ms/div
Figure 4. Device Enabled into Short-Circuit
1ms/div
Figure 5. No Load to 1Ω Transient Response
2ms/div
Figure 6. Short-Circuit Current Limit Response
200ms/div
Figure 7. Extended Short-Circuit into Thermal Cycles
VIN=5V
RLIM=20kΩ
VIN=5V
RLIM=20kΩ
IOUT
2A/div
FLAG
2V/div
VOUT
2V/div
IIN
2A/div
FLAG
5V/div
VOUT
2V/div
IIN
1A/div
VEN
2V/div
VIN=5V
RLIM=20kΩ
VIN=5V
RLIM=20kΩ
ROUT=0Ω
VIN=5V
RLIM=20kΩ
ROUT=5Ω
VIN=5V
RLIM=20kΩ
ROUT=5Ω
VEN
5V/div
VEN
5V/div
VOUT
5V/div
VOUT
5V/div
IIN
1A/div
IIN
1A/div
VOUT
2V/div
FLAG
2V/div
IOUT
2A/div
VIN=5V
RLIM=20kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com