Electronic Components Datasheet Search
  English  ▼

X  

L9788TR Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 51Page - STMicroelectronics L9788TR Datasheet HTML 52Page - STMicroelectronics L9788TR Datasheet HTML 53Page - STMicroelectronics L9788TR Datasheet HTML 54Page - STMicroelectronics L9788TR Datasheet HTML 55Page - STMicroelectronics L9788TR Datasheet HTML 56Page - STMicroelectronics L9788TR Datasheet HTML 57Page - STMicroelectronics L9788TR Datasheet HTML 58Page - STMicroelectronics L9788TR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 264 page
background image
DS12308 Rev 4
55/264
L9788
Watchdog
263
Note:
These clock-tolerances have to be taken into account additionally.
As output (open drain):
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
As input:
5.5 V ≤ VB_IN ≤ 18V, 4.75 V ≤ VDD_IO ≤ 5.25 V Tj -40 to 175 °C unless otherwise specified;
Table 23. WDA circuit electrical characteristic
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
WDA_UV_LO
Output low voltage
1 < VDD5 < VDD_UV
Rreset = 4.7 kΩ
--0.6
V
WDA
WDA_IUVres_max Input current
VDD5 = VDD_UV
VUV_reset = 0.6 V
5-
-
mA
WDA
WDA_IlkUV_reset
Input leakage current
VUV_reset> VDD_UV
-
-
1
µA
WDA
Table 24. WDA reset circuit electrical characteristic
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
WDA_RST_L WDA input low voltage
-
-0.3
-
1.1
V
WDA
WDA_RST_H WDA input high voltage
-
2.3
-
VDD_IO
+0.3
VWDA
WDA_Trst_flt WDA Reset filter time
Tested by scan
-
10
-
µs
WDA
-
WDA pull up external
resistor
Application note,
parameter not tested
50
-
250
kΩ
WDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com