Electronic Components Datasheet Search
  English  ▼

X  

L9788TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 1 Page - STMicroelectronics

  L9788TR Datasheet HTML 1Page - STMicroelectronics L9788TR Datasheet HTML 2Page - STMicroelectronics L9788TR Datasheet HTML 3Page - STMicroelectronics L9788TR Datasheet HTML 4Page - STMicroelectronics L9788TR Datasheet HTML 5Page - STMicroelectronics L9788TR Datasheet HTML 6Page - STMicroelectronics L9788TR Datasheet HTML 7Page - STMicroelectronics L9788TR Datasheet HTML 8Page - STMicroelectronics L9788TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 264 page
background image
This is information on a product in full production.
May 2022
DS12308 Rev 4
1/264
L9788
Multifunction IC for automotive engine management system
Datasheet
- production data
Features
 AEC-Q100 qualified
 Engineered for ISO26262 compliant system
 1 pre-boost regulator and 1 pre-buck regulator
 1 linear 5 V regulator with 1 A output current
 3 independent self-protection 5 V tracking
regulator with 150 mA output.
 1 input voltage pin for monitor external
tracking.
 Coordinated soft start-up of all regulators
 4 channels LS injector LS drivers
 2 channels LS drivers for O2H load with current
sense
 2 channels LS camshaft or solenoid drivers
 5 channels LS relay drivers
 2 channels LS LED drivers
 3 channels LS/HS drivers with low battery
function for smart start
 1 channel LS main relay driver (MRD) with
internal diode for reverse battery protection
 5 channels pre-drivers for external FET drivers.
Pre-driver 1&3 configurable for O2H load with
external Rshunt-on the source of Ext.
N-channel MOS
 6 channels pre-drivers for internal or external
igniter drivers
 1 K-Line ISO9141/LIN 2.1 compliant
 Integrated charge-pump
 VRS-interface
 Watchdog
 Wake-up pin
 Temperature sensor and monitoring
 Stop-counter with wakeup
 Dual bandgap reference & oscillator
 Micro-second-channel MSC for differential
single ended mode
 SEO function
 CAN-FD with wakeup by CAN function
 Package LQFP100 exposed pad
Description
The L9788 is an integrated circuit designed for
automotive engine management system.
L9788 is a device realized in ST BCD proprietary
technology, able to provide the full set of power
supplies and signal preprocessing peripherals
needed to control a 4-cylinders internal
combustion engine.
LQFP100 14 x 14 x 1.4 mm
(exposed pad down)
GADG2411160920PS
Table 1. Device summary
Order code
Package
Packing
L9788
LQFP100 14x14x1.4 mm
(Exposed pad down 7.6x7.6 mm)
Tube
L9788TR
Tape & Reel
www.st.com


Similar Part No. - L9788TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9780 STMICROELECTRONICS-L9780 Datasheet
872Kb / 56P
Wide range air fuel sensor control interface
27-Nov-2014
L9780TR STMICROELECTRONICS-L9780TR Datasheet
872Kb / 56P
Wide range air fuel sensor control interface
27-Nov-2014
L9781 STMICROELECTRONICS-L9781 Datasheet
270Kb / 10P
Automotive multiple valve pre-driver for diesel and gasoline direct injection
L9781TR STMICROELECTRONICS-L9781TR Datasheet
270Kb / 10P
Automotive multiple valve pre-driver for diesel and gasoline direct injection
More results

Similar Description - L9788TR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
Automotive Engine Control IC
MC33810 FREESCALE-MC33810_08 Datasheet
2Mb / 35P
Automotive Engine Control IC
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
Automotive Engine Control IC
logo
Infineon Technologies A...
TLE8888-1QK INFINEON-TLE8888-1QK_15 Datasheet
3Mb / 202P
Engine Management System IC for 4 Cylinder Cars
Rev. 1.1, 2014-08-20
logo
STMicroelectronics
L9779WD STMICROELECTRONICS-L9779WD Datasheet
2Mb / 170P
Multifunction IC for engine management system
14-Sep-2015
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
Engine management IC for Small Engines
Rev 1.0, 2012-10-01
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
Small engine management IC
Rev. 1.0 2021-03-23
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
Automotive engine management control IC for small engines
November 2020 Rev 5
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
Power Management System IC
2015-6-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com