Electronic Components Datasheet Search
  English  ▼

X  

L9788TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 13Page - STMicroelectronics L9788TR Datasheet HTML 14Page - STMicroelectronics L9788TR Datasheet HTML 15Page - STMicroelectronics L9788TR Datasheet HTML 16Page - STMicroelectronics L9788TR Datasheet HTML 17Page - STMicroelectronics L9788TR Datasheet HTML 18Page - STMicroelectronics L9788TR Datasheet HTML 19Page - STMicroelectronics L9788TR Datasheet HTML 20Page - STMicroelectronics L9788TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 264 page
background image
DS12308 Rev 4
17/264
L9788
Block diagram and pin description
263
6
LIN
LIN driver output
Power In/Out
-
7
VB_STBY
Standby function supply voltage
Supply
-
8
VSENSE4_MON
tracking sensor supply Monitor
Analog In
-
9
KEY_IN
Key signal input
Power In
-
10
WK_IN
wake up signal input
Power In
-
11
MRD
Main relay drivers outpour voltage
Power Out
-
12
INJ3
Injector Driver output voltage
Power Out
-
13
INJ34_PGND
Ground
GND
-
14
INJ4
Injector Driver output voltage
Power Out
-
15
STR1_DRN
Configurable high/low-side drain voltage
Power Out
-
16
STR1_SRC
Configurable high/low-side source voltage
Power Out
-
17
STR2_SRC
Configurable high/low-side source voltage
Power Out
-
18
STR2_DRN
Configurable high/low-side drain voltage
Power Out
-
19
STR3_DRN
Configurable high/low-side drain voltage
Power Out
-
20
STR3_SRC
Configurable high/low-side source voltage
Power Out
-
21
LED1
LED Driver output voltage
Power Out
-
22
LED2
LED Driver output voltage
Power Out
-
23
GND
Ground
GND
-
24
WDA
Watchdog output
Digital In/Out
-
25
RSTN
Reset output for VDD5
Digital Out
-
26
SEO_OUT
SEO output pin
Digital Out
-
27
VDD_IO
Dedicated supply for FLW_OUT,
MSC_DO,LIN_RX, CAN_RX
Supply
-
28
MSC_DO
MSC digital I/O voltage
Digital Out
-
29
INJ_ENA
Enable pin for injector driver
Digital In
-
30
EN_N
enable signals
Digital In
-
31
EN_P
enable signals
Digital In
-
32
IGN1
Ignition pre-driver output voltage
Power Out
-
33
IGN2
Ignition pre-driver output voltage
Power Out
-
34
RLY1
Relay Driver output voltage
Power Out
-
35
RLY2
Relay Driver output voltage
Power Out
-
36
INJ1
Injector Driver output voltage
Power Out
-
37
INJ1_PGND
Ground
GND
-
38
INJ2_PGND
Ground
GND
-
39
INJ2
Injector Driver output voltage
Power Out
-
Table 2. Pin function (continued)
Pin #
Name
Function
Type
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com