Electronic Components Datasheet Search
  English  ▼

X  

AP39303 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP39303
Description  QUASI-RESONANT PWM SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP39303 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP39303 Datasheet HTML 8Page - Diodes Incorporated AP39303 Datasheet HTML 9Page - Diodes Incorporated AP39303 Datasheet HTML 10Page - Diodes Incorporated AP39303 Datasheet HTML 11Page - Diodes Incorporated AP39303 Datasheet HTML 12Page - Diodes Incorporated AP39303 Datasheet HTML 13Page - Diodes Incorporated AP39303 Datasheet HTML 14Page - Diodes Incorporated AP39303 Datasheet HTML 15Page - Diodes Incorporated AP39303 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP39303
Document number:DS41017 Rev. 7 - 3
12 of 16
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP39303
Operation Description (continued)
S
If Fault Occurs
GATE
Vcc
I_CHG
VST
VCC-UVLO
3V
I CHARGE-L
I CHARGE - H
I CHARGE-FAULT
I CHARGE-H
0mA
0mA
Figure 5
Built-In VCC LDO
The AP39303 integrates a VCC LDO circuitry, the LDO regulates the wide range VCC_IN which is rectified from auxiliary winding to an acceptable
value. It makes the AP39303 a good choice in wide range output voltage application.
Brown In/Out Protection
To avoid potential high-current stress at low line voltage, the AP39303 introduces a reliable brownout protection. The AC line voltage is detected
through HV pin, a pair of high-voltage diodes are connected to the AC line which will rectify the AC input voltage to a double-frequency positive
voltage referring to GND, a 20k
Ω resistor is recommended to be added to improve the surge immunity. When the voltage across HV pin is higher
than VBR-IN for about 100µs of tBR-IN and VCC reaches VST, the system starts to work. If the HV pin voltage falls below VBR-OUT and lasts for 50ms
of tBR-OUT, the system will shut down until the line voltage rises over its brown-in voltage again.
SOVP/SUVP Protection
The AP39303 provides output OVP and UVP protection function. The auxiliary winding voltage during secondary rectifier conducting period
reflects the output voltage. A voltage divide network is connected to the auxiliary winding and DEM pin, the DEM pin will detect the equivalent
output voltage with a delay of tSAMPLE from the falling edge of GATE driver signal, as shown in Figure 6. The detected voltage will be compared to
the SOVP and SUVP threshold voltage VTH-SOVP and VTH-SUVP. If the SOVP or SUVP threshold is reached continuously by 7 switching cycles, the
SOVP or SUVP protection will be triggered, the AP39303 will shut down and the system will restart when the VCC voltage falls below the UVLO
voltage.
To prevent from false-trigger of SUVP during start up process, a blank time of tBLANK-SUVP is set during which the SUVP protection function is
ignored.
VAUX
VDEM
0V
Gate
tSAMPLE
Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com