Electronic Components Datasheet Search
  English  ▼

X  

AP39303 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP39303
Description  QUASI-RESONANT PWM SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP39303 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP39303 Datasheet HTML 1Page - Diodes Incorporated AP39303 Datasheet HTML 2Page - Diodes Incorporated AP39303 Datasheet HTML 3Page - Diodes Incorporated AP39303 Datasheet HTML 4Page - Diodes Incorporated AP39303 Datasheet HTML 5Page - Diodes Incorporated AP39303 Datasheet HTML 6Page - Diodes Incorporated AP39303 Datasheet HTML 7Page - Diodes Incorporated AP39303 Datasheet HTML 8Page - Diodes Incorporated AP39303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP39303
Document number:DS41017 Rev. 7 - 3
2 of 16
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP39303
Typical Applications Circuit
D9
CY1
AC
R11
C3
C8
T1
D5
F 1
R19
C5
C9
NTC1
R10
R9
C4
BD1
C2
L2
R18
R14
Q2
D 6
C1
C7
C14
RT1
R15
C10
R13
R12
R16
CC1
GND
AP43771
OCDRV
VCC
Vo
GND
CON1
C15
U4
CC 2
V 5 V
PWR_ EN
VBUS
VFB
IFB
OTP
ISENP
RT2
C17
C18
R 21
C20
R 25
CC2
CC1
D-
D+
DN
DP
R4
R8
C6
U2
GND
FB
SENSE
VCC-IN
AP39303
U1
DEM
8
1to 5
14
10
12
HV
VCC
CTRL
9
13
11
D
S
15
16
DRISR
VCC
GND
VDD
AREF
VDET
1
6
3
4
5
2
R20
C12
U3
C13
APR 347
C11
L1
R2
D8
Q3
Pin Descriptions
Pin Number
Pin Name
Function
1 to 5
D
The Drain of Internal Power MOSFET
6
NC
Suspended
8
HV
High Voltage Input. Sense Line Voltage and Provide Startup Current to VCC
9
CTRL
Programmable External Protection
10
FB
Feedback. Directly Connected to the Opto-Coupler
11
VCC
Supply Voltage of Driver and Control Circuits
12
DEM
Valley Detection for QR Control. Sample VOUT to Realize SOVP and SUVP Protection
13
VCC_IN
Wide Range Input Supply Voltage to Produce VCC
14
SENSE
Sense the Primary Current
15
GND
Signal Ground
16
S
The Source of Internal Power MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com