Electronic Components Datasheet Search
  English  ▼

X  

AP39303 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP39303
Description  QUASI-RESONANT PWM SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP39303 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP39303 Datasheet HTML 1Page - Diodes Incorporated AP39303 Datasheet HTML 2Page - Diodes Incorporated AP39303 Datasheet HTML 3Page - Diodes Incorporated AP39303 Datasheet HTML 4Page - Diodes Incorporated AP39303 Datasheet HTML 5Page - Diodes Incorporated AP39303 Datasheet HTML 6Page - Diodes Incorporated AP39303 Datasheet HTML 7Page - Diodes Incorporated AP39303 Datasheet HTML 8Page - Diodes Incorporated AP39303 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP39303
Document number:DS41017 Rev. 7 - 3
3 of 16
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP39303
Functional Block Diagram
GND
D
SENSE
250ns LEB
Soft
Driver
Timer
Jitter
7.3V
7.7V
VCC_OVP
OLP
VCC
35V
33V
VCC_OVP
UVLO
15.8V
6.7V
Internal
Bias
Auto
Recovery
Protection
FB
R
3R
PWM
BMRef
CTRL_H
Latch-off
Protection
FOCP
CTRL_L
Hold
SOVP
SSCP
SS
VDD
Vo
Sense
1.25V
FOCP
0.1V
Q
D
CLK RB
DFF
3.8
ms
Delay
SSCP
OTP
VDD
OTP
0.5V
2.6V
SOVP
SUVP
DEM
50mV
Line
sense
Valley
LOVP
Brownout
6.0V
SUVP
VCC_IN
15V
HV
VCC
UVLO
630VDC
LOVP
BNO
Brownout
LOVP
CC
105VDC
96VDC
Hold
Hold
CPRef
CPRef
DEM
FOCP
4.2V
70ms
Debounce
OLP
CTRL
100
mA
4.5V
1.0V
10K
CTRL_H
CTRL_L
VDD
3V
1V
Line
comp
Line
Line
BMRef
Jitter
With Jitter
SS
Valley
S
1~5
15
11
AP39303
10
11
15
14
12
9
16
1,2,3,4,5
8
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com