Electronic Components Datasheet Search
  English  ▼

X  

AP65211 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP65211
Description  TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65211 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP65211 Datasheet HTML 1Page - Diodes Incorporated AP65211 Datasheet HTML 2Page - Diodes Incorporated AP65211 Datasheet HTML 3Page - Diodes Incorporated AP65211 Datasheet HTML 4Page - Diodes Incorporated AP65211 Datasheet HTML 5Page - Diodes Incorporated AP65211 Datasheet HTML 6Page - Diodes Incorporated AP65211 Datasheet HTML 7Page - Diodes Incorporated AP65211 Datasheet HTML 8Page - Diodes Incorporated AP65211 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP65211
Document number: DS39118 Rev. 3 - 3
4 of 14
www.diodes.com
January 2018
© Diodes Incorporated
AP65211
Electrical Characteristics (@TA = +25°C, VIN = 12V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ISHDN
Shutdown Supply Current
VEN = 0V
—
1.0
µA
IQ
Supply Current (Quiescent)
VEN = 2.0V, VFB = 0.85V
—
0.8
—
mA
RDS(ON)1
High-Side Switch On-Resistance (Note 8)
—
—
160
—
m
Ω
RDS(ON)2
Low-Side Switch On-Resistance (Note 8)
—
—
85
—
m
Ω
ILIMIT_PEAK
HS Peak Current Limit (Note 8)
Minimum Duty Cycle
3.0
3.5
—
A
ISW_LKG
Switch Leakage Current
VEN = 0V, VSW =12V
—
—
1
μA
FSW
Oscillator Frequency
VFB = 0.75V
400
500
600
kHz
DMAX
Maximum Duty Cycle
VFB = 700mV
88
92
—
%
TON
Minimum On-Time
—
—
90
—
ns
VFB
Feedback Voltage
TA = -40°C to +85°C
776
800
824
mV
VEN_RISING
EN Rising Threshold
—
1.4
1.5
1.6
V
VEN_FALLING
EN Falling Threshold
—
1.23
1.32
1.41
V
IEN
EN Input Current
VEN = 2V
—
2.85
—
μA
VEN = 0V
—
0
—
μA
INUVVTH
VIN Undervoltage Threshold Rising
—
3.7
4.05
4.4
V
INUVHYS
VIN Undervoltage Threshold Hysteresis
—
—
250
—
mV
TSS
Soft-Start Period
—
—
1
—
ms
TSHDN
Thermal Shutdown (Note 8)
—
—
+160
—
°C
THYS
Thermal Hysteresis (Note 8)
—
—
+20
—
°C
Note:
8. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com