Electronic Components Datasheet Search
  English  ▼

X  

AP65211 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP65211
Description  TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65211 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP65211 Datasheet HTML 1Page - Diodes Incorporated AP65211 Datasheet HTML 2Page - Diodes Incorporated AP65211 Datasheet HTML 3Page - Diodes Incorporated AP65211 Datasheet HTML 4Page - Diodes Incorporated AP65211 Datasheet HTML 5Page - Diodes Incorporated AP65211 Datasheet HTML 6Page - Diodes Incorporated AP65211 Datasheet HTML 7Page - Diodes Incorporated AP65211 Datasheet HTML 8Page - Diodes Incorporated AP65211 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP65211
Document number: DS39118 Rev. 3 - 3
5 of 14
www.diodes.com
January 2018
© Diodes Incorporated
AP65211
Typical Performance Characteristics (@TA = +25°C, VIN = 12V, VOUT = 3.3V, L = 4.7µH, unless otherwise specified.)
VIN=6.5V
VIN=12V
VIN=16V
VIN=6V
VIN=12V
VIN=16V
VIN=6V
VIN=12V
VIN=16V
VIN=6V
VIN=12V
VIN=16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com