Electronic Components Datasheet Search
  English  ▼

X  

AP65211 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP65211
Description  TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65211 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP65211 Datasheet HTML 4Page - Diodes Incorporated AP65211 Datasheet HTML 5Page - Diodes Incorporated AP65211 Datasheet HTML 6Page - Diodes Incorporated AP65211 Datasheet HTML 7Page - Diodes Incorporated AP65211 Datasheet HTML 8Page - Diodes Incorporated AP65211 Datasheet HTML 9Page - Diodes Incorporated AP65211 Datasheet HTML 10Page - Diodes Incorporated AP65211 Datasheet HTML 11Page - Diodes Incorporated AP65211 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP65211
Document number: DS39118 Rev. 3 - 3
8 of 14
www.diodes.com
January 2018
© Diodes Incorporated
AP65211
Application Information
Theory of Operation
The AP65211 is a 2A current mode control, synchronous buck regulator with integrated power MOSFETs. Current mode control assures
excellent line regulation, load regulation, and a wide loop bandwidth for fast response to load transients. Figure 1 depicts the functional block
diagram of AP65211.
The operation of one switching cycle can be explained as follows: The rising edge of the 500kHz oscillator clock signal sets the RS Flip-Flop. Its
output turns on HS MOSFET. When the HS MOSFET is on, inductor current starts to increase. The current sense amplifier senses and amplifies
the inductor current with a gain of 0.22V/A. Since the current mode control is subject to sub-harmonic oscillations that start at half of the
switching frequency, ramp slope compensation of 0.9V/T is utilized. This ramp compensation is summed to the current sense amplifier output
and compared to the error amplifier output by the PWM comparator. When the sum of the current sense amplifier output and the slope
compensation signal exceeds the EA output voltage, the RS Flip-Flop is reset and HS MOSFET is turned off.
When the HS MOSFET turns off, the synchronous LS MOSFET turns on until the next clock cycle begins. There is a “dead time” between the HS
turn off and LS tu
rn on that prevents the switches from “shooting through” across the input supply to ground.
For one whole cycle, if the sum of the current sense amplifier output and the slope compensation signal does not exceed the EA output, then the
falling edge of the oscillator clock resets the Flip-Flop, and forces the MOSFET to turn off.
The voltage loop is compensated internally.
Enable
The enable (EN) input allows the user to control turning on or off the regulator. The AP65211 has an internal pull down resistor on the EN pin
and when the EN is not actively pulled up the part turns off.
Quiescent Current
Above the ‘EN Rising Threshold’, the internal regulator is turned on and the quiescent current can be measured when VFB>0.8V.
Automated No-Load and Light-Load Operation
The AP65211 operates in light load high efficiency mode during low load current operation. The advantage of this light load efficiency mode is
lower power losses at no-load and light-load conditions. The AP65211 automatically detects the
inductor’s valley current and enters the light load
high efficiency mode when value falls below zero Ampere. Once the inductor
’s valley current exceeds zero Ampere, the AP65211 transitions
from light load high efficiency mode back to continuous PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com