Electronic Components Datasheet Search
  English  ▼

X  

STB12N60DM2AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB12N60DM2AG
Description  Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12N60DM2AG Datasheet(HTML) 1 Page - STMicroelectronics

  STB12N60DM2AG Datasheet HTML 1Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 2Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 3Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 4Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 5Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 6Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 7Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 8Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
²
D PAK
1
3
TAB
2
D(2, TAB)
G(1)
S(3)
NG1D2TS3Z
Features
Order code
VDS @ TJ max.
RDS(on ) max.
ID
STB12N60DM2AG
650 V
430 mΩ
10 A
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Extremely low gate charge and input capacitance
•
Low on-resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM2 fast-
recovery diode series. It offers very low recovery charge (Qrr) and time (trr) combined
with low RDS(on), rendering it suitable for the most demanding high-efficiency
converters and ideal for bridge topologies and ZVS phase-shift converters.
Product status
STB12N60DM2AG
Product summary
Order code
STB12N60DM2AG
Marking
12N60DM2
Package
D²PAK
Packing
Tape and reel
Automotive-grade N-channel 600 V, 380 mΩ typ., 10 A MDmesh DM2
Power MOSFET in a D²PAK package
STB12N60DM2AG
Datasheet
DS13374 - Rev 2 - April 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STB12N60DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB12NK80Z STMICROELECTRONICS-STB12NK80Z Datasheet
342Kb / 15P
N-CHANNEL 800V - 0.65 OHM - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH Power MOSFET
2005-Sep-02
STB12NK80Z STMICROELECTRONICS-STB12NK80Z Datasheet
522Kb / 16P
N-channel 800V - 0.65Ω - 10.5A - TO-220 - D2PAK - TO-247 Zener - Protected SuperMESH??Power MOSFET
27-Apr-2007
logo
New Jersey Semi-Conduct...
STB12NK80Z NJSEMI-STB12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB12NK80Z NJSEMI-STB12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB12NK80Z NJSEMI-STB12NK80Z Datasheet
151Kb / 3P
N-CHANNEL 800V - 0.651} - 10.5A TO-220 / D2PAK / TO-247 Zener-Protected SuperMESH?줡ower MOSFET
More results

Similar Description - STB12N60DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW37N60DM2AG STMICROELECTRONICS-STW37N60DM2AG Datasheet
705Kb / 12P
Automotive-grade N-channel 600 V, 0.094 Ω typ., 28 A MDmesh™ DM2 Power MOSFET in a TO-247 package
August 2015 Rev 1
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
Automotive-grade N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-247 package
03-Jul-2015
STW58N60DM2AG STMICROELECTRONICS-STW58N60DM2AG Datasheet
728Kb / 12P
Automotive-grade N-channel 600 V, 0.052 Ω typ., 50 A MDmesh™ DM2 Power MOSFET in a TO-247 package
20-Jul-2015
STD8N60DM2 STMICROELECTRONICS-STD8N60DM2 Datasheet
823Kb / 15P
N-channel 600 V, 550 m(ohm) typ., 8 A MDmesh DM2 Power MOSFET in a DPAK package
24-Nov-2016
STD11N60DM2 STMICROELECTRONICS-STD11N60DM2 Datasheet
822Kb / 15P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
17-Jun-2016
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STP11N60DM2 STMICROELECTRONICS-STP11N60DM2 Datasheet
716Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220 package
17-Jun-2016
STB30N65M2AG STMICROELECTRONICS-STB30N65M2AG Datasheet
1Mb / 15P
Automotive-grade N-channel 650 V, 0.15 typ., 20 A MDmesh M2 Power MOSFET in a D²PAK package
18-Dec-2019
STD12N60DM2AG STMICROELECTRONICS-STD12N60DM2AG Datasheet
559Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
11-Nov-2019
STD13N50DM2AG STMICROELECTRONICS-STD13N50DM2AG Datasheet
544Kb / 16P
Automotive-grade N-channel 500 V, 320 m typ., 11 A MDmesh DM2 Power MOSFET in a DPAK package
31-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com