Electronic Components Datasheet Search
  English  ▼

X  

STB12N60DM2AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB12N60DM2AG
Description  Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12N60DM2AG Datasheet(HTML) 2 Page - STMicroelectronics

  STB12N60DM2AG Datasheet HTML 1Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 2Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 3Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 4Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 5Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 6Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 7Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 8Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
10
A
Drain current (continuous) at TC = 100 °C
6.3
IDM(1)
Drain current (pulsed)
25
A
PTOT
Total power dissipation at TC = 25 °C
125
W
dv/dt(2)
Peak diode recovery voltage slope
100
V/ns
di/dt(2)
Peak diode recovery current slope
1000
A/μs
dv/dt(3)
MOSFET dv/dt ruggedness
50
V/ns
Tstg
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
1. Pulse width is limited by safe operating area.
2. ISD ≤ 10 A, VDS (peak) < V(BR)DSS, VDD = 400 V.
3. VDS ≤ 480 V.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case
1
°C/W
RthJB(1)
Thermal resistance, junction-to-board
30
1. When mounted on 1 inch² FR-4 board, 2oz Cu.
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR (1)
Avalanche current, repetitive or not repetitive
2
A
EAS(2)
Single pulse avalanche energy
250
mJ
1. Pulse width limited by TJ max.
2. Starting TJ = 25 °C, ID = IAR, VDD = 50 V.
STB12N60DM2AG
Electrical ratings
DS13374 - Rev 2
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com