Electronic Components Datasheet Search
  English  ▼

X  

CS42L92 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42L92
Description  32-Bit 384-kHz Hi-Fi Audio Codec
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L92 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42L92 Datasheet HTML 45Page - Cirrus Logic CS42L92 Datasheet HTML 46Page - Cirrus Logic CS42L92 Datasheet HTML 47Page - Cirrus Logic CS42L92 Datasheet HTML 48Page - Cirrus Logic CS42L92 Datasheet HTML 49Page - Cirrus Logic CS42L92 Datasheet HTML 50Page - Cirrus Logic CS42L92 Datasheet HTML 51Page - Cirrus Logic CS42L92 Datasheet HTML 52Page - Cirrus Logic CS42L92 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 333 page
background image
DS1162F2
49
CS42L92
4.3 Digital Core
4.3 Digital Core
The CS42L92 digital core provides extensive mixing and processing capabilities for multiple signal paths. The
configuration is highly flexible and supports virtually every conceivable input/output connection between the available
processing blocks.
The digital core provides parametric equalization (EQ) functions, DRC, and low-/high-pass filters (LHPF).
The CS42L92 supports multiple signal paths through the digital core. Stereo full-duplex sample-rate conversion is provided
to allow digital audio to be routed between input (ADC) paths, output (DAC) paths, digital audio interfaces (AIF1–AIF3)
and SLIMbus paths operating at different sample rates or referenced to asynchronous clock domains. Data-format
conversion (DFC) functions are available to support different interface standards on the input and output signal paths.
The integrated DSP provides a general-purpose signal processing capability; this is supported by general-purpose timer
and event-logger functions. Note that the DSP configuration data is lost whenever the DCVDD power domain is removed;
the DSP configuration data must be downloaded to the CS42L92 each time the device is powered up.
The digital core incorporates a S/PDIF transmitter that can provide a stereo S/PDIF output on a GPIO pin. Standard
sample rates of 32–192 kHz can be supported. The CS42L92 incorporates a tone generator that can be used for beep
functions through any of the audio signal paths. A white-noise generator is incorporated, to provide comfort noise in cases
where silence (digital mute) is not desirable.
A haptic signal generator is provided, for use with external haptic devices (e.g., mechanical vibration actuators). Two
pulse-width modulation (PWM) signal generators are also provided; the PWM waveforms can be modulated by an audio
source within the digital core and can be output on a GPIO pin.
An overview of the digital-core mixing and signal-processing functions is provided in Fig. 4-15. The control registers
associated with the digital-core signal paths are shown in Fig. 4-16 through Fig. 4-33. The full list of digital mixer control
registers (R1600–R3576) is provided in Section 6. Generic register field definitions are provided in Table 4-11.
The digital audio core is predominantly a 24-bit architecture, but also provides support for 32-bit signal paths. Audio data
samples of up to 32 bits can be received via the AIF1, AIF3, and SLIMbus input channels and routed to the AIF1, AIF3,
SLIMbus, S/PDIF, and DAC output paths. The respective output mixers provide full support for 32-bit data words.
Note that all other signal paths and signal-processing blocks within the digital core are limited to 24-bit data length; data
samples are truncated to 24-bit length if they are routed through any function that does not support 32-bit data words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com