Electronic Components Datasheet Search
  English  ▼

X  

CS42L92 Datasheet(PDF) 87 Page - Cirrus Logic

Part # CS42L92
Description  32-Bit 384-kHz Hi-Fi Audio Codec
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L92 Datasheet(HTML) 87 Page - Cirrus Logic

Back Button CS42L92 Datasheet HTML 83Page - Cirrus Logic CS42L92 Datasheet HTML 84Page - Cirrus Logic CS42L92 Datasheet HTML 85Page - Cirrus Logic CS42L92 Datasheet HTML 86Page - Cirrus Logic CS42L92 Datasheet HTML 87Page - Cirrus Logic CS42L92 Datasheet HTML 88Page - Cirrus Logic CS42L92 Datasheet HTML 89Page - Cirrus Logic CS42L92 Datasheet HTML 90Page - Cirrus Logic CS42L92 Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 333 page
background image
DS1162F2
87
CS42L92
4.3 Digital Core
4.3.15 Asynchronous Sample-Rate Converter (ASRC)
The CS42L92 supports multiple signal paths through the digital core. Two independent clock domains are supported for
the audio signal paths, referenced to SYSCLK and ASYNCCLK respectively, as described in Section 4.16. Every digital
signal path must be synchronized either to SYSCLK or to ASYNCCLK.
The ASRC provides stereo, two-way signal paths between two sample rates, as shown in Fig. 4-32. Each of the sample
rates may be referenced to the SYSCLK or ASYNCCLK domain. The clock domains and sample rates associated with the
ASRC signal paths are selected using the ASRC1_RATE1 and ASRC1_RATE2 fields.
• ASRC1_RATE1 selects the clock domain and sample rate of the inputs to the ASRC1 IN1x paths, and the outputs
from the ASRC1 IN2x paths.
• ASRC1_RATE2 selects the clock domain and sample rate of the inputs to the ASRC1 IN2x paths, and the outputs
from the ASRC1 IN1x paths.
Note that it is possible to select two sample rates for the ASRC that are each referenced to the same clock domain. This
provides flexibility to switch between synchronous and asynchronous use cases without changing the signal routing
configuration of the affected audio paths.
See Section 4.16 for details of the sample-rate control registers.
The ASRC supports sample rates from 8–192 kHz. The ratio of the applicable SAMPLE_RATE_n and ASYNC_SAMPLE_
RATE_n fields must not exceed 6.
The ASRC1_RATE1 and ASRC1_RATE2 fields must not be changed if any of the respective x_SRCn fields is nonzero.
The associated x_SRCn fields must be cleared before writing new values to ASRC1_RATE1 or ASRC1_RATE2. A
minimum delay of 125
s must be allowed between clearing the x_SRCn fields and writing to the associated ASRC1_
RATE1 or ASRC1_RATE2 fields. See Table 4-27 for details.
R5248 (0x1480)
DFC1_CTRL_W0
6:2
DFC1_RATE[4:0]
0x00
DFCn Sample Rate
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x08 = ASYNC_SAMPLE_RATE_1
0x09 = ASYNC_SAMPLE_RATE_2
All other codes are reserved.
The selected sample rate is valid in the range 8–192 kHz.
The DFCn_SRC field must be cleared before changing DFCn_RATE.
R5254 (0x1486)
DFC2_CTRL_W0
6:2
DFC2_RATE[4:0]
0x00
R5260 (0x148C)
DFC3_CTRL_W0
6:2
DFC3_RATE[4:0]
0x00
R5266 (0x1492)
DFC4_CTRL_W0
6:2
DFC4_RATE[4:0]
0x00
R5272 (0x1498)
DFC5_CTRL_W0
6:2
DFC5_RATE[4:0]
0x00
R5278 (0x149E)
DFC6_CTRL_W0
6:2
DFC6_RATE[4:0]
0x00
R5284 (0x14A4)
DFC7_CTRL_W0
6:2
DFC7_RATE[4:0]
0x00
R5290 (0x14AA)
DFC8_CTRL_W0
6:2
DFC8_RATE[4:0]
0x00
R1048064 (0xF_
FE00)
DSP1_Config_1
15:11 DSP1_RATE[4:0]
0x00
DSP1 Sample Rate
0x00 = SAMPLE_RATE_1
0x01 = SAMPLE_RATE_2
0x02 = SAMPLE_RATE_3
0x08 = ASYNC_SAMPLE_RATE_1
0x09 = ASYNC_SAMPLE_RATE_2
All other codes are reserved.
The selected sample rate is valid in the range 8–384 kHz.
All DSP1xMIX_SRCm fields must be cleared before changing DSP1_RATE.
Table 4-26. Digital-Core Sample-Rate Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com