Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 18
6.3 EEPROM Reliability Characteristics
The internal 1024 Bit EEPROM has the following reliability characteristics-
Table 15 - EEPROM Characteristics
Parameter Description
Value
Unit
Data Retention
15
Years
Read / Write Cycles
100,000
Cycles
6.4 Internal Clock Characteristics
The internal Clock Oscillator has the following characteristics.
Table 16 - Internal Clock Characteristics
Parameter
Value
Unit
Min
Typical
Max
Frequency of Operation
11.98
12.00
12.02
MHz****
Clock Period
83.19
83.33
83.47
ns
Duty Cycle
45
50
55
%
****Equivalent to +/-1667ppm.
Table 17 - OSCI, OSCO Pin Characteristics (Optional - Only applies if external Oscillator is used*****)
Parameter Description
Min
Typ
Max
Units
Conditions
Voh
Output Voltage High
2.8
-
3.6
V
Fosc = 12MHz
Vol
Output Voltage Low
0.1
-
1.0
V
Fosc = 12MHz
Vin
Input Switching Threshold
1.8
2.5
3.2
V
*****When supplied the device is configured to use its internal clock oscillator. Users who wish to use an external
oscillator or crystal should contact FTDI technical support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com