Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 23
8. Example Interface Configurations
As in the Device Configurations section, please note that pin numbers on the FT232R chip in this section have
deliberately been left out as they vary between the FT232RL and FT232RQ versions of the device. All of these
configurations apply to both package options for the FT232R device. Please refer to Section 4 for the package option
pin-out and signal descriptions.
8.1 USB to RS232 Converter Configuration
Figure 15 - Example USB to RS232 Converter Configuration
Figure 15 illustrates how to connect an FT232R as a USB to RS232 converter. A TTL – RS232 Level Converter I.C. is
used on the serial UART of the FT232R to make the RS232 level conversion. This, for example can be done using the
popular “213” series of TTL to RS232 level converters. These devices have 4 transmitters and 5 receivers in a 28-LD
SSOP package and feature an in-built voltage converter to convert the 5V (nominal) VCC to the +/- 9 volts required by
RS232. An important feature of these devices is the SHDN# pin which can power down the device to a low quiescent
current during USB suspend mode.
An example of a device which can be used for this is a Sipex SP213EHCA which is capable of RS232 communication
at up to 500kΩ baud. If a lower baud rate is acceptable, then several pin compatible alternatives are available
such as the Sipex SP213ECA , the Maxim MAX213CAI and the Analog Devices ADM213E, which are all good for
communication at up to 115,200 baud. If a higher baud rate is desired, use a Maxim MAX3245CAI part which is
capable of RS232 communication at rates of up to 1M baud. The MAX3245 is not pin compatible with the 213 series
devices, also its SHDN pin is active high, so connect it to PWREN# instead of SLEEP#.
In the above example CBUS0 and CBUS1 have been configured as TXLED# and RXLED#, and are being used to
drive two LEDs.
FT232R
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
100nF
3V3OUT
VCCIO
NC
RESET#
NC
+
100nF
10nF
Vcc
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
CBUS0
CBUS3
CBUS2
CBUS1
GPIO2
GPIO3
USBDP
USBDM
VCC
1
2
3
4
5
OSCI
OSCO
CBUS4
SLEEP#
Ferrite
Bead
+
4.7uF
Vcc
Vcc
270R
270R
SHIELD
5
9
4
8
3
7
2
6
1
TXDATA
RXDATA
RTS
CTS
DTR
DSR
DCD
RI
SHIELD
GND
10
DB9M
TXDATA
RXDATA
RTS
CTS
DTR
DSR
DCD
RI
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
TXLED#
RXLED#
SHDN#
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com