Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 29Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 25
8.3 USB to RS422 Converter Configuration
FT232R
100nF
3V3OUT
VCCIO
NC
RESET#
NC
+
100nF
10nF
Vcc
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
CBUS0
CBUS3 -
PWREN#
CBUS2
CBUS1
USBDP
USBDM
VCC
1
2
3
4
5
OSCI
OSCO
CBUS4 -
SLEEP#
Ferrite
Bead
+
4.7uF
SHIELD
RS422 LEVEL
CONVERTER
Vcc
120R
6
9
10
4
5
2
3
SP491
11
12
7
RS422 LEVEL
CONVERTER
Vcc
120R
6
9
10
4
5
2
3
SP491
11
12
7
TXDM
TXDP
RXDP
RXDM
RTSM
RTSP
CTSP
CTSM
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
SHIELD
GND
DB9M
TXDM
TXDP
RXDP
RXDM
RTSM
RTSP
CTSP
CTSM
Vcc
Figure 17 -Example USB to RS422 Converter Configuration
Figure 17 illustrates how to connect the UART interface of the FT232R to a TTL – RS422 Level Converter I.C. to
make a USB to RS422 converter. There are many such level converter devices available – this example uses Sipex
SP491 devices which have enables on both the transmitter and receiver. Because the transmitter enable is active
high, it is connected to a CBUS pin in SLEEP# configuration. The receiver enable is active low and so is connected
to a CBUS pin PWREN# configuration. This ensures that both the transmitters and receivers are enabled when the
device is active, and disabled when the device is in USB suspend mode. If the design is USB BUS powered, it may be
necessary to use a P-Channel logic level MOSFET (controlled by PWREN#) in the VCC line of the SP491 devices to
ensure that the USB stand-by current of 500μA is met.
The SP491 is good for sending and receiving data at a rate of up to 5 Megbaud – in this case the maximum rate is
limited to 3 Megabaud by the FT232R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com