Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 70Page - STMicroelectronics L9945TR Datasheet HTML 71Page - STMicroelectronics L9945TR Datasheet HTML 72Page - STMicroelectronics L9945TR Datasheet HTML 73Page - STMicroelectronics L9945TR Datasheet HTML 74Page - STMicroelectronics L9945TR Datasheet HTML 75Page - STMicroelectronics L9945TR Datasheet HTML 76Page - STMicroelectronics L9945TR Datasheet HTML 77Page - STMicroelectronics L9945TR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 151 page
background image
[14] PROT_DISABLE_06: Protection disable for CH6. As long as the bit is set, CH6 is kept actively OFF
0: Output enabled
1: Output OFF
Reset: 0
Reset Condition: POR, NRES
[13] PROT_DISABLE_05: Protection disable for CH5. As long as the bit is set, CH5 is kept actively OFF
0: Output enabled
1: Output OFF
Reset: 0
Reset Condition: POR, NRES
[12] PROT_DISABLE_04: Protection disable for CH4. As long as the bit is set, CH4 is kept actively OFF
0: Output enabled
1: Output OFF
Reset: 0
Reset Condition: POR, NRES
[11] PROT_DISABLE_03: Protection disable for CH3. As long as the bit is set, CH3 is kept actively OFF
0: Output enabled
1: Output OFF
Reset: 0
Reset Condition: POR, NRES
[10] PROT_DISABLE_02: Protection disable for CH2. As long as the bit is set, CH2 is kept actively OFF
0: Output enabled
1: Output OFF
Reset: 0
Reset Condition: POR, NRES
[9] PROT_DISABLE_01: Protection disable for CH1. As long as the bit is set, CH1 is kept actively OFF
0: Output enabled
1: Output OFF
Reset: 0
Reset Condition: POR, NRES
[8:1] OUTPUT_VOLTAGE:
Output voltage compared to LVT threshold (Low-Side)
0: VOUT < VLVT output ON
1: VOUT > VLVT output OFF
Reset: Initial OUTPUT_VOLTAGE field value depends on load
Reset Condition: POR, NRES
Output voltage compared to VOL threshold (High-Side)
0: VOUT < VOL output OFF
1: VOUT > VOL output ON
Reset: Initial OUTPUT_VOLTAGE field value depends on load
Reset Condition: POR, NRES
Note:
The OUTPUT_VOLTAGE[8:1] field value depends on external HW configuration. By default, all
channels are configured as LS NMOS. Hence, the default value of this field follows such
interpretation.
L9945
SPI MOSI/MISO list
DS12275 - Rev 8
page 74/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com