Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 22Page - STMicroelectronics L9945TR Datasheet HTML 23Page - STMicroelectronics L9945TR Datasheet HTML 24Page - STMicroelectronics L9945TR Datasheet HTML 25Page - STMicroelectronics L9945TR Datasheet HTML 26Page - STMicroelectronics L9945TR Datasheet HTML 27Page - STMicroelectronics L9945TR Datasheet HTML 28Page - STMicroelectronics L9945TR Datasheet HTML 29Page - STMicroelectronics L9945TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 151 page
background image
In case GCC_config_xx is programmed "0b00", an external resistor RG is required for protecting the transistor
gate against excessive current: the resistor must be mounted in series on the IPU / IPD path, as shown in
Figure 12. However, to prevent charge pump stress, L9945 internally limits the maximum charge/discharge
current to ICh0Gx/IDCh0Gx (refer to Table 15).
External measures have to be taken to keep the external MOS reliably OFF in case of output three-state. For
external NMOS a gate pull down resistor RPD is needed and for external PMOS a gate pull up resistor RPU is
necessary (refer to Figure 12).
In order to improve EMI behavior, an external Miller capacitor CM can be mounted between transistor gate and
drain. Value of this capacitor depends on:
•
The switching frequency required by the application;
•
The programmed charge/discharge current.
The AN "How To Improve EMI Behavior In Switching Applications" provides a guideline for CM selection. It also
helps choosing the right value for IPU/IPD in order to reduce EMI.
5.4.5
Internal and external clamping
The device guarantees a maximum gate to source voltage of 20 V by means of an internal clamping circuitry
which limits the overdrive. However, such a clamp is not intended as a protection against external spikes or
failures (STB/STG).
Figure 13. Clamping for HS configuration
GADG2702171244PS
GNSPxx
To load
VPS
CM
IPU
IPD
VGBHI
Internal
clamping
Control
signal
Control
signal
D
Ratings: NMOS ==> VGS = 20 V , PMOS ==> VSG = 20 V
evice side
Board side
HS NFET
VPS
GNSPxx
SNGPxx
DRNxx
External
clamping
CM
IPU
IPD
Internal
clamping
To load
Control
signal
Control
signal
Device side
Board side
HS PFET
SNGPxx
DRNxx
External
clamping
RPU
RG
RG
Figure 13 shows the recommended clamping for the external FETs used in HS configuration. The internal
clamping is meant to protect against overdrive but is not intended to be a recirculation path for the current. An
external freewheeling diode is needed for inductive switching loads.
L9945
Output pre-drivers
DS12275 - Rev 8
page 26/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com