Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 10Page - STMicroelectronics L9945TR Datasheet HTML 11Page - STMicroelectronics L9945TR Datasheet HTML 12Page - STMicroelectronics L9945TR Datasheet HTML 13Page - STMicroelectronics L9945TR Datasheet HTML 14Page - STMicroelectronics L9945TR Datasheet HTML 15Page - STMicroelectronics L9945TR Datasheet HTML 16Page - STMicroelectronics L9945TR Datasheet HTML 17Page - STMicroelectronics L9945TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 151 page
background image
Symbol
Parameter description
Comment
Min. Max. Unit
VCH2&4
CH2 & CH4
Max voltage:
CH2 - VPS = 20 V
CH4 - CH2 = 20 V
VGBHI - CH4 = 20 V
-0.3
80
V
Digital HV pins: NONx, NRES, NDIS, DIS, EN6, NCS, SCK, SDI, SDO
VDIG_IO
Input voltage range
SDO and NDIS have to withstand this voltage also in ON-condition
-0.3
40
V
Refer to Figure 7 for the device pinout with AMR indicated for each pin.
4.2
Latch-up trials
The table below lists the information about the Latch-up trials.
Note:
A negative current is flowing out of the L9945, a positive current into the L9945.
Table 3. Latch-up trials
Symbol
Parameter description
Comment
Min.
Max.
Unit
LU
Latch-up Test
For all pins according to JEDEC78 class II level A
100
-
mA
4.3
ESD performance
The table below contains all the information about the ESD characterization of the device.
Note:
A negative current is flowing out of the L9945, a positive current into the L9945.
Table 4. ESD performance
Symbol
Parameter description
Comment
Min.
Max.
Unit
ESD Classification (refer to Figure 8)
VESD
Human Body Model (HBM)
(100 pF/ 1.5 kΩ)
For pins: DRNx, SNGPx, GNSPx, BATTxx, PGNDxx, VPS
According to Q100-002
-4
4
kV
For all other pins according to Q100-002
-2
2
kV
Charged Device Model (CDM)
For corner pins DRN1, DRN4, DRN5 according to Q100-011
-600
750
V
For corner pin T1 according to Q100-011
-750
600
V
For corner pin NON1 according to Q100-011
-600
600
V
For corner pin DIS according to Q100-011
-600
500
V
For corner pins T4, T8 according to Q100-011
-750
750
V
For all other pins
-500
500
V
Protection diodes current
IESD_SUP
ESD protection diode current
For pins VPS, VDD5, VGBHI, VIO
-1
1
mA
IESD_DRNx ESD protection diode current
For DRNx pins
-1
1
mA
IESD_DIG
ESD protection diode current
For pins NONx, NRES, NDIS, DIS, SDI, SCK, EN6, NCS, SDO
-1
1
mA
L9945
Latch-up trials
DS12275 - Rev 8
page 14/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com